Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33FJ12MC02ESO Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC33FJ12MC02ESO
Description  High-Performance, 16-Bit Digital Signal Controllers
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12MC02ESO Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC33FJ12MC02ESO Datasheet HTML 7Page - Microchip Technology DSPIC33FJ12MC02ESO Datasheet HTML 8Page - Microchip Technology DSPIC33FJ12MC02ESO Datasheet HTML 9Page - Microchip Technology DSPIC33FJ12MC02ESO Datasheet HTML 10Page - Microchip Technology DSPIC33FJ12MC02ESO Datasheet HTML 11Page - Microchip Technology DSPIC33FJ12MC02ESO Datasheet HTML 12Page - Microchip Technology DSPIC33FJ12MC02ESO Datasheet HTML 13Page - Microchip Technology DSPIC33FJ12MC02ESO Datasheet HTML 14Page - Microchip Technology DSPIC33FJ12MC02ESO Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 284 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70265B-page 9
dsPIC33FJ12MC201/202
TABLE 1-1:
PINOUT I/O DESCRIPTIONS
Pin Name
Pin
Type
Buffer
Type
Description
AN0-AN5
I
Analog
Analog input channels.
CLKI
CLKO
I
O
ST/CMOS
External clock source input. Always associated with OSC1 pin function.
Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator
mode. Optionally functions as CLKO in RC and EC modes. Always associated
with OSC2 pin function.
OSC1
OSC2
I
I/O
ST/CMOS
Oscillator crystal input. ST buffer when configured in RC mode; CMOS
otherwise.
Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator
mode. Optionally functions as CLKO in RC and EC modes.
SOSCI
SOSCO
I
O
ST/CMOS
32.768 kHz low-power oscillator crystal input; CMOS otherwise.
32.768 kHz low-power oscillator crystal output.
CN0-CN7
CN11-CN16
CN21-CN24
CN27
CN29-CN30
I
ST
Change notification inputs.
Can be software programmed for internal weak pull-ups on all inputs.
IC0-IC1
IC7-IC8
I
I
ST
ST
Capture inputs 1/2
Capture inputs 7/8.
OCFA
OC1-OC2
I
O
ST
Compare Fault A input (for Compare Channels 1 and 2).
Compare outputs 1 through 2.
INT0
INT1
INT2
I
I
I
ST
ST
ST
External interrupt 0.
External interrupt 1.
External interrupt 2.
RA0-RA4
I/O
ST
PORTA is a bidirectional I/O port.
RB0-RB15
I/O
ST
PORTB is a bidirectional I/O port.
T1CK
T2CK
T3CK
I
I
I
ST
ST
ST
Timer1 external clock input.
Timer2 external clock input.
Timer3 external clock input.
U1CTS
U1RTS
U1RX
U1TX
I
O
I
O
ST
ST
UART1 clear to send.
UART1 ready to send.
UART1 receive.
UART1 transmit.
SCK1
SDI1
SDO1
SS1
I/O
I
O
I/O
ST
ST
ST
Synchronous serial clock input/output for SPI1.
SPI1 data in.
SPI1 data out.
SPI1 slave synchronization or frame pulse I/O.
SCL1
SDA1
ASCL1
ASDA1
I/O
I/O
I/O
I/O
ST
ST
ST
ST
Synchronous serial clock input/output for I2C1.
Synchronous serial data input/output for I2C1.
Alternate synchronous serial clock input/output for I2C1.
Alternate synchronous serial data input/output for I2C1.
TMS
TCK
TDI
TDO
I
I
I
O
ST
ST
ST
JTAG Test mode select pin.
JTAG test clock input pin.
JTAG test data input pin.
JTAG test data output pin.
INDX
QEA
QEB
UPDN
I
I
I
O
ST
ST
ST
CMOS
Quadrature Encoder Index Pulse input.
Quadrature Encoder Phase A input in QEI mode.
Auxiliary Timer External Clock/Gate input in Timer mode.
Quadrature Encoder Phase A input in QEI mode.
Auxiliary Timer External Clock/Gate input in Timer mode.
Position Up/Down Counter Direction State.
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
P=Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input


Similar Part No. - DSPIC33FJ12MC02ESO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ12MC201 MICROCHIP-DSPIC33FJ12MC201 Datasheet
988Kb / 80P
   Flash Programming Specification
2007
DSPIC33FJ12MC201 MICROCHIP-DSPIC33FJ12MC201 Datasheet
4Mb / 304P
   High-Performance, 16-bit Digital Signal Controllers
05/02/11
DSPIC33FJ12MC201 MICROCHIP-DSPIC33FJ12MC201 Datasheet
2Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC33FJ12MC201 MICROCHIP-DSPIC33FJ12MC201 Datasheet
2Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
DSPIC33FJ12MC201TEML MICROCHIP-DSPIC33FJ12MC201TEML Datasheet
4Mb / 304P
   High-Performance, 16-bit Digital Signal Controllers
05/02/11
More results

Similar Description - DSPIC33FJ12MC02ESO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
DSPIC33FJ16GS502-E MICROCHIP-DSPIC33FJ16GS502-E Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ12GP202-E MICROCHIP-DSPIC33FJ12GP202-E Datasheet
3Mb / 242P
   High-Performance, 16-Bit Digital Signal Controllers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com