Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR50UB120 Datasheet(PDF) 7 Page - Fuji Electric

Part # 7MBR50UB120
Description  IGBT MODULE (U series) 1200V / 50A / PIM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR50UB120 Datasheet(HTML) 7 Page - Fuji Electric

  7MBR50UB120 Datasheet HTML 1Page - Fuji Electric 7MBR50UB120 Datasheet HTML 2Page - Fuji Electric 7MBR50UB120 Datasheet HTML 3Page - Fuji Electric 7MBR50UB120 Datasheet HTML 4Page - Fuji Electric 7MBR50UB120 Datasheet HTML 5Page - Fuji Electric 7MBR50UB120 Datasheet HTML 6Page - Fuji Electric 7MBR50UB120 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IGBT Module
7MBR50UB120
Outline Drawings, mm


Similar Part No. - 7MBR50UB120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50U2A060 FUJI-7MBR50U2A060 Datasheet
183Kb / 7P
   IGBT MODULE (U series) 600V / 50A / PIM
7MBR50UA120 FUJI-7MBR50UA120 Datasheet
190Kb / 7P
   IGBT MODULE (1200V / 50A / PIM)
More results

Similar Description - 7MBR50UB120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50UA120 FUJI-7MBR50UA120 Datasheet
190Kb / 7P
   IGBT MODULE (1200V / 50A / PIM)
7MBR50SB120 FUJI-7MBR50SB120 Datasheet
576Kb / 7P
   IGBT(1200V/50A/PIM)
7MBR50U2A060 FUJI-7MBR50U2A060 Datasheet
183Kb / 7P
   IGBT MODULE (U series) 600V / 50A / PIM
logo
List of Unclassifed Man...
7MBR75UB120 ETC2-7MBR75UB120 Datasheet
156Kb / 7P
   IGBT MODULE (U series) 1200V / 75A / PIM
logo
Fuji Electric
7MBR35UB120 FUJI-7MBR35UB120 Datasheet
194Kb / 7P
   IGBT MODULE (U series) 1200V / 35A / PIM
7MBR25UA120 FUJI-7MBR25UA120 Datasheet
188Kb / 7P
   IGBT MODULE (U series) 1200V / 25A / PIM
7MBR35UA120 FUJI-7MBR35UA120 Datasheet
186Kb / 7P
   IGBT MODULE (U series) 1200V / 35A / PIM
logo
MacMic
MMG50HD120XB6T4N MACMIC-MMG50HD120XB6T4N Datasheet
1Mb / 9P
   1200V 50A PIM Module
MMG50W120XB6TC MACMIC-MMG50W120XB6TC Datasheet
1Mb / 9P
   1200V 50A PIM Module
MMG50W120XB6TN MACMIC-MMG50W120XB6TN Datasheet
682Kb / 9P
   1200V 50A PIM Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com