Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM78L18 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GM78L18
Description  POSITIVE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GM78L18 Datasheet(HTML) 1 Page - GTM CORPORATION

  GM78L18 Datasheet HTML 1Page - GTM CORPORATION GM78L18 Datasheet HTML 2Page - GTM CORPORATION GM78L18 Datasheet HTML 3Page - GTM CORPORATION GM78L18 Datasheet HTML 4Page - GTM CORPORATION GM78L18 Datasheet HTML 5Page - GTM CORPORATION GM78L18 Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CORPORATION
GM78LXX
Page: 1/6
ISSUED DATE :2006/07/17
REVISED DATE :
G
G M
M 7788L
L X
X X
X
POSITIVE VOLTAGE REGULATOR
Description
The GM78LXX series of positive regulators are available in the SOT-89 package and with 5V, 6V, 8V, 9V, 10V,
12V, 15V, 18V and 24V fixed output voltages, making it useful in a wide range of applications. These regulators
can provide local on-card regulation, eliminating the distribution problems associated with single point
regulation. Each type employs internal current limiting, thermal shut-down and safe operating area protection,
making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 100mA output
current. Although designed primarily as fixed voltage regulators, these devices can be used with external
components to obtain adjustable voltages and currents. GM78LXX is characterized for operation from 0
to
:
+125 : .
Features
&Internal Short-Circuit Current Limiting
&Internal Thermal Overload Protection
&No External Components Required
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5°TYP.
M
0.70 REF.
Absolute Maximum Ratings
Parameter
Ratings
Unit
GM78L05 ~ 10
30
V
GM78L12 ~ 18
35
V
I
nput voltage
GM78L24
40
V
Output current
100
mA
Operating junction temperature range
0 ~ 125
:
Storage temperature range
-55 ~ 150
:
Power Dissipation
350*
mW
*When tested in free air condition, without heat sinking.
Pb Free Plating Product
SOT-89


Similar Part No. - GM78L18

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78L18 GAMMA-GM78L18 Datasheet
377Kb / 13P
   POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
GM78L18-S8 ETC1-GM78L18-S8 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L18-ST89 ETC1-GM78L18-ST89 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
GM78L18-T92 ETC1-GM78L18-T92 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM78L18S8B GAMMA-GM78L18S8B Datasheet
377Kb / 13P
   POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GM78L18

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com