Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555QDRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555QDRQ1
Description  LinCMOS??TIMER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555QDRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC555QDRQ1 Datasheet HTML 5Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 6Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 7Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 8Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 9Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 10Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 11Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 12Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.ti.com
APPLICATION INFORMATION
0.1
µF
0.1
µF
CT
CL
RL
Output
RB
RA
GND
TRIG
THRES
RESET
DISCH
CONT
VDD
OUT
VDD
2/3 VDD
1/3 VDD
GND
tPHL
tPLH
tc(H)
tc(L)
CIRCUIT
TRIGGER AND THRESHOLD VOLTAGE WAVEFORM
TLC555
6
1
3
8
5
4
7
2
t
c(H) [
C
T
(R
A )
R
B
) In 2 (In 2 + 0.693)
t
c(L) [
C
T
R
B
In 2
Period + tc(H) ) tc(L) [ CT (RA ) 2RB) In 2
Output driver duty cycle +
t
c(L)
t
c(H) )
t
c(L)
[ 1 –
R
B
R
A )
2R
B
Output waveform duty cycle +
t
c(H)
t
c(H) )
t
c(L)
[
R
B
R
A )
2R
B
TLC555-Q1
LinCMOS™ TIMER
SLFS078 – OCTOBER 2006
Figure 3. Astable Operation
Connecting TRIG to THRES, as shown in Figure 3, causes the timer to run as a multivibrator. The capacitor CT
charges through RA and RB to the threshold voltage level (approximately 0.67 VDD) and then discharges through
RB only to the value of the trigger voltage level (approximately 0.33 VDD). The output is high during the charging
cycle (tc(H)) and low during the discharge cycle (tc(L)). The duty cycle is controlled by the values of RA, RB, and CT
as shown in the following equations.
The 0.1-
µF capacitor at CONT in Figure 3 decreases the period by about 10%.
The formulas shown above do not allow for any propagation delay times from the TRIG and THRES inputs to
DISCH. These delay times add directly to the period and create differences between calculated and actual
values that increase with frequency. In addition, the internal on-state resistance (ron) during discharge adds to RB
to provide another source of timing error in the calculation when RB is very low or ron is very high.
9
Submit Documentation Feedback


Similar Part No. - TLC555QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555QDRQ1 TI1-TLC555QDRQ1 Datasheet
475Kb / 25P
[Old version datasheet]   LinCMOS TIMER
More results

Similar Description - TLC555QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555-Q1 TI1-TLC555-Q1 Datasheet
475Kb / 25P
[Old version datasheet]   LinCMOS TIMER
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
[Old version datasheet]   LinCMOS??TIMER
TLC555 TI-TLC555_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC352CDRG4 TI1-TLC352CDRG4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com