Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21282SNSP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F21282SNSP
Description  SINGLE-CHIP 16-BIT CMOS MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21282SNSP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F21282SNSP Datasheet HTML 2Page - Renesas Technology Corp R5F21282SNSP Datasheet HTML 3Page - Renesas Technology Corp R5F21282SNSP Datasheet HTML 4Page - Renesas Technology Corp R5F21282SNSP Datasheet HTML 5Page - Renesas Technology Corp R5F21282SNSP Datasheet HTML 6Page - Renesas Technology Corp R5F21282SNSP Datasheet HTML 7Page - Renesas Technology Corp R5F21282SNSP Datasheet HTML 8Page - Renesas Technology Corp R5F21282SNSP Datasheet HTML 9Page - Renesas Technology Corp R5F21282SNSP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
R8C/28 Group, R8C/29 Group
1. Overview
Rev.1.10
May 17, 2007
Page 6 of 67
REJ03B0169-0110
(D): Under development
NOTES:
1. These versions are under development. Specifications may be changed without prior notice.
2. The user ROM is programmed before shipment.
Figure 1.3
Type Number, Memory Size, and Package of R8C/29 Group
Table 1.4
Product Information for R8C/29 Group
Current of May. 2007
Type No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program
ROM
Data flash
R5F21292SNSP
8 Kbytes
1 Kbyte × 2
512 bytes
PLSP0020JB-A
N version
R5F21294SNSP
16 Kbytes
1 Kbyte × 2
1 Kbyte
PLSP0020JB-A
R5F21292SDSP
8 Kbytes
1 Kbyte × 2
512 bytes
PLSP0020JB-A
D version
R5F21294SDSP
16 Kbytes
1 Kbyte × 2
1 Kbyte
PLSP0020JB-A
R5F21294JSP (D)
16 Kbytes
1 Kbyte × 2
1 Kbyte
PLSP0020JB-A
J version(1)
R5F21294KSP (D)
16 Kbytes
1 Kbyte × 2
1 Kbyte
PLSP0020JB-A
K version(1)
R5F21292SNXXXSP (D)
8 Kbytes
1 Kbyte × 2
512 bytes
PLSP0020JB-A
N version(1)
Factory
programming
product(2)
R5F21294SNXXXSP (D)
16 Kbytes
1 Kbyte × 2
1 Kbyte
PLSP0020JB-A
R5F21292SDXXXSP (D)
8 Kbytes
1 Kbyte × 2
512 bytes
PLSP0020JB-A
D version(1)
R5F21294SDXXXSP (D)
16 Kbytes
1 Kbyte × 2
1 Kbyte
PLSP0020JB-A
R5F21294JXXXSP (D)
16 Kbytes
1 Kbyte × 2
1 Kbyte
PLSP0020JB-A
J version(1)
R5F21294KXXXSP (D)
16 Kbytes
1 Kbyte × 2
1 Kbyte
PLSP0020JB-A
K version(1)
Type No. R 5 F 21 29 4 S N XXX SP
Package type:
SP: PLSP0020JB-A
ROM number
Classification
N: Operating ambient temperature -20°C to 85°C (N version)
D: Operating ambient temperature -40°C to 85°C (D version)
J: Operating ambient temperature -40°C to 85°C (J version)
K: Operating ambient temperature -40°C to 125°C (K version)
S: Low-voltage version (other no symbols)
ROM capacity
2: 8 KB
4: 16 KB
R8C/29 Group
R8C/Tiny Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor


Similar Part No. - R5F21282SNSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21282SNSP RENESAS-R5F21282SNSP Datasheet
4Mb / 471P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R5F21282SNSP RENESAS-R5F21282SNSP Datasheet
625Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
More results

Similar Description - R5F21282SNSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-24 RENESAS-R8C-24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26_10 Datasheet
635Kb / 75P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26 Datasheet
597Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-18 RENESAS-R8C-18 Datasheet
675Kb / 41P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C24 RENESAS-R8C24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28_10 Datasheet
625Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21256SNFPU0 RENESAS-R5F21256SNFPU0 Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
logo
Hitachi Semiconductor
HD63705V0 HITACHI-HD63705V0 Datasheet
1Mb / 35P
   8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU)
logo
Mitsubishi Electric Sem...
M37705M2AXXXSP MITSUBISHI-M37705M2AXXXSP Datasheet
1Mb / 20P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com