Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9802T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9802T
Description  Multistandard VIF-PLL demodulator and FM-PLL detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9802T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9802T Datasheet HTML 5Page - NXP Semiconductors TDA9802T Datasheet HTML 6Page - NXP Semiconductors TDA9802T Datasheet HTML 7Page - NXP Semiconductors TDA9802T Datasheet HTML 8Page - NXP Semiconductors TDA9802T Datasheet HTML 9Page - NXP Semiconductors TDA9802T Datasheet HTML 10Page - NXP Semiconductors TDA9802T Datasheet HTML 11Page - NXP Semiconductors TDA9802T Datasheet HTML 12Page - NXP Semiconductors TDA9802T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
November 1992
9
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL demodulator and
FM-PLL detector
TDA9802
Measurements from IF input to CVBS output (pin 7) 330
Ω between pins 13 and 14, sound carrier off
Vo CVBS
CVBS output signal on pin 7 (peak-to-peak
value)
1.7
2.0
2.3
V
∆V
o
deviation of CVBS output signal at B/G
50 dB gain control
−−
0.5
dB
30 dB gain control
−−
0.1
dB
black level tilt
B/G standard;
see note 12
−−
1%
vertical tilt for worst case in L standard
vision carrier modulated
by test line (VITS) only;
see note 12
−−
1.5
%
∆G
differential gain
25
%
∆ϕ
differential phase
1
3
deg
B
−3 dB video bandwidth
CL < 20 pF; RL > 1kΩ
68
MHz
S/N(W)
signal-to-noise ratio; weighted
see Fig.5 and note 13
56
59
dB
α1.1
intermodulation at ‘blue’
see Fig.6 and note 14;
f = 1.1 MHz
56
62
dB
intermodulation at ‘yellow’
58
64
dB
α
3.3
intermodulation at ‘blue’
see Fig.6 and note 14;
f = 3.3 MHz
56
62
dB
intermodulation at ‘yellow’
57
63
dB
αC
residual vision carrier (RMS value)
fundamental wave
110
mV
harmonics
110
mV
α
H
suppression of video signal harmonics
see note 10
35
40
dB
RR
ripple rejection on pin 7
see Fig.9
25
28
dB
AGC detector (pin 19)
tresp
response to an increasing amplitude step of
50 dB in input signal
B/G and L
110
ms
response to a decreasing amplitude step of
50 dB in input signal
B/G
50
100
ms
L
100
150
ms
I19
charging current
B/G and L; see note 12
0.85
1.1
1.35
mA
additional charging current
L in case of missing
VITS pulses and no
white video content
2.0
2.7
3.5
µA
discharging current
B/G
17
22
27
µA
normal mode L
0.24
0.33
0.42
µA
fast mode L
31
44
57
µA
V19
AGC voltage
see Fig.4
maximum gain
0
tbn
V
minimum gain
tbn
VP − 0.7 V
V13
threshold voltage level
see Fig.7
for additional charging current
L
1.9
1.95
2.0
V
for fast L mode
L
1.6
1.65
1.7
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA9802T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

Similar Description - TDA9802T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com