Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMPCD081A Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EMPCD081A
Description  8-Digit Calculator With Tax / Euro Function(Battery / Solar / DualPower Type)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EMPCD081A Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EMPCD081A Datasheet HTML 6Page - ELAN Microelectronics Corp EMPCD081A Datasheet HTML 7Page - ELAN Microelectronics Corp EMPCD081A Datasheet HTML 8Page - ELAN Microelectronics Corp EMPCD081A Datasheet HTML 9Page - ELAN Microelectronics Corp EMPCD081A Datasheet HTML 10Page - ELAN Microelectronics Corp EMPCD081A Datasheet HTML 11Page - ELAN Microelectronics Corp EMPCD081A Datasheet HTML 12Page - ELAN Microelectronics Corp EMPCD081A Datasheet HTML 13Page - ELAN Microelectronics Corp EMPCD081A Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EMPCD081A
8-Digit Calculator With Tax / Euro Function (Battery / Solar / Dual Power Type)
NUMBER, DECIMAL KEY (“00”, “0 – 9”, “•”)
The first number key in a sequence will clear the display and enter the digit in the
display. Successive entries will shift the display left and enters the data in display
register. The first decimal point entered is effective. An attempted entry of more than
8 digits or 7 decimal places will be ignored.
SHIFT KEY (
)
Delete the rightest digit and others will shift to right.
TAX+ (TAX+)
Execute TAX-including calculation of displayed number, TAX rate is in TAX
memory.
In the halfway of four rules of arithmetic, TAX-including calculation don't break the
intermediate result, so TAX-including is used in expression.
When immediately after [RATE] key, store displayed number in TAX memory.
TAX- (TAX-)
Execute TAX-excluding calculation of displayed number, TAX rate is in TAX
memory.
In the halfway of four rules of arithmetic, TAX-excluding calculation don't break the
intermediate result, so TAX-excluding is used in expression.
ERUO KEY (EURO)
The depressing will perform the conversion of "key-in number/rate".
The result is automatically rounded to 2 decimal.
After LOCAL key is depressed and make the conversion, the depressing of EURO
key will recall the key-in number.
LOCAL KEY (LOCAL)
The depressing will perform the conversion of "key-in number x rate".
The result is automatically rounded to 2 decimal.
After EURO key is depressed and make the conversion, the depressing of LOCAL
key will recall the key-in number.
TAX RATE SET KEY (RATE)
The depressing will save the entry number as TAX / EURO rate.
6
Product Specification (V0.3) 09.15.2004
(This specification is subject to change without further notice)


Similar Part No. - EMPCD081A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EMPCD081 EMC-EMPCD081 Datasheet
376Kb / 16P
   8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
More results

Similar Description - EMPCD081A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EMPCD081 EMC-EMPCD081 Datasheet
376Kb / 16P
   8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCD080 EMC-EMPCD080 Datasheet
375Kb / 16P
   8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
EM34034 EMC-EM34034 Datasheet
525Kb / 18P
   10/12 DIGIT WITH TAX FUNCTION CALCULATOR
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
   8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCD100 EMC-EMPCD100 Datasheet
443Kb / 31P
   10/12 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCD200 EMC-EMPCD200 Datasheet
467Kb / 31P
   14/16 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCR032 EMC-EMPCR032 Datasheet
399Kb / 26P
   10 DIGIT REPLAY CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EMPCR200 EMC-EMPCR200 Datasheet
434Kb / 27P
   10/12/14 DIGIT REPLAY CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
logo
Integral Corp.
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com