Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38D54G3-XXXFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M38D54G3-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D54G3-XXXFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M38D54G3-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M38D54G3-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38D54G3-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38D54G3-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38D54G3-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38D54G3-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38D54G3-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38D54G3-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38D54G3-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 141 page
background image
Rev.3.01
Aug 08, 2007
Page 4 of 134
REJ03B0158-0301
38D5 Group
NOTE:
1. 12.5 MHz < f(XIN)
≤ 16 MHz is not available in the frequency/2 mode.
Table 1
(1)
Parameter
Function
Number of basic instructions
71
Instruction execution time
0.32
µs (Minimum instruction, Oscillation frequency 12.5 MHz)
Oscillation frequency
16 MHz (Maximum)(1)
Memory sizes
(QzROM version)
ROM
32 K to 60 K bytes
RAM
1536 to 2048 bytes
Memory sizes
(Flash memory version)
ROM
60 K bytes
RAM
2048 bytes
Input port
P70, P71
2-bit
× 1
I/O port
P0-P6, P72-P74
8-bit
× 7, 3-bit × 1 (36 pins sharing SEG)
Interrupt
17 sources, 16 vectors (includes key input interrupt)
Timer
8-bit
× 4, 16-bit × 2
Serial I/O1
8-bit
× 1 (UART or Clock-synchronized)
Serial I/O2
8-bit
× 1 (Clock-synchronized)
PWM
10-bit
× 2, 16-bit × 1 (common to IGBT output)
A/D converter
10-bit
× 8 (operated in low-speed mode)
Watchdog timer
8-bit
× 1
ROM correction function
32 bytes
× 2 vectors
LED direct drive port
6 (average current: 15 mA, peak current: 30 mA, total current: 90 mA)
LCD drive control
circuit
Bias
1/2, 1/3
Duty
2, 3, 4, 8
Common output
4/8
Segment output
32/36
Main clock generating circuits
Built-in (connect to external ceramic resonator or on-chip oscillator)
Sub-clock generating circuits
Built-in (connect to external quartz-crystal oscillator)
Power source voltage
(QzROM version)
In frequency/2 mode
(1)
f(XIN)
≤ 12.5 MHz 4.5 to 5.5 V
f(XIN)
≤ 8 MHz
4.0 to 5.5 V
f(XIN)
≤ 4 MHz
2.0 to 5.5 V
f(XIN)
≤ 2 MHz
1.8 to 5.5 V
In frequency/4 mode
f(XIN)
≤ 16 MHz
4.5 to 5.5 V
f(XIN)
≤ 8 MHz
2.0 to 5.5 V
f(XIN)
≤ 4 MHz
1.8 to 5.5 V
In frequency/8 mode
f(XIN)
≤ 16 MHz
4.5 to 5.5 V
f(XIN)
≤ 8 MHz
2.0 to 5.5 V
f(XIN)
≤ 4 MHz
1.8 to 5.5 V
In low-speed mode
1.8 to 5.5 V
Power source voltage
(Flash memory version)
In frequency/2 mode
(1)
f(XIN)
≤ 12.5 MHz 4.5 to 5.5 V
f(XIN)
≤ 8 MHz
4.0 to 5.5 V
f(XIN)
≤ 4 MHz
2.7 to 5.5 V
In frequency/4 mode
f(XIN)
≤ 16 MHz
4.5 to 5.5 V
f(XIN)
≤ 8 MHz
2.7 to 5.5 V
In frequency/8 mode
f(XIN)
≤ 16 MHz
4.5 to 5.5 V
f(XIN)
≤ 8 MHz
2.7 to 5.5 V
In low-speed mode
2.7 to 5.5 V
Performance overview


Similar Part No. - M38D54G3-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D54G3XXXFP RENESAS-M38D54G3XXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D54G3XXXHP RENESAS-M38D54G3XXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D54G3-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com