Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1Q2A3618 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1Q2A3618
Description  36-Mbit QDR™II SRAM 2-word Burst
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q2A3618 Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1Q2A3618 Datasheet HTML 1Page - Renesas Technology Corp R1Q2A3618 Datasheet HTML 2Page - Renesas Technology Corp R1Q2A3618 Datasheet HTML 3Page - Renesas Technology Corp R1Q2A3618 Datasheet HTML 4Page - Renesas Technology Corp R1Q2A3618 Datasheet HTML 5Page - Renesas Technology Corp R1Q2A3618 Datasheet HTML 6Page - Renesas Technology Corp R1Q2A3618 Datasheet HTML 7Page - Renesas Technology Corp R1Q2A3618 Datasheet HTML 8Page - Renesas Technology Corp R1Q2A3618 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
R1Q2A3636/R1Q2A3618/R1Q2A3609
Name
I/O type
Descriptions
Notes
VDD
Supply
Power supply: 1.8 V nominal. See DC Characteristics and Operating VDD Supply
Conditions for range.
VDDQ
Supply
Power supply: Isolated output buffer supply. Nominally 1.5 V. 1.8 V is also permissible.
See DC Characteristics and Operating Conditions for range.
VSS
Supply
Power supply: Ground.
VREF
HSTL input reference voltage: Nominally VDDQ/2, but may be adjusted to improve
system noise margin. Provides a reference voltage for the HSTL input buffers.
NC
No connect: These signals are not internally connected. These signals can be left
floating or connected to ground to improve package heat dissipation.
Notes: 1. All power supply and ground balls must be connected for proper operation of the device.
Block Diagram
(R1Q2A3636 / R1Q2A3618 / R1Q2A3609 series)
Address
Registry
and
Logic
Data
Registry
and
Logic
Memory
Array
Address
/R
/W
K
/K
/W
/BWx
D
(Data in)
/R
K
/K
72
/36
/18
72
/36
/18
19/20/21
36/18/9
36/18/9
Q
(Data out)
19/20/21
K
CC, /C
or
K, /K
ZQ
2
CQ
/CQ
72
/36
/18
4/2/1
REJ03C0294-0003 Rev.0.03 Jul. 31, 2007
Page 5 of 23


Similar Part No. - R1Q2A3618

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A3618ABG40RB0 RENESAS-R1Q2A3618ABG40RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3618ABG40RS0 RENESAS-R1Q2A3618ABG40RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3618ABG40RT0 RENESAS-R1Q2A3618ABG40RT0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3618ABG50RB0 RENESAS-R1Q2A3618ABG50RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3618ABG50RS0 RENESAS-R1Q2A3618ABG50RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
More results

Similar Description - R1Q2A3618

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636 RENESAS-R1Q3A3636 Datasheet
1Mb / 26P
   36-Mbit QDR™II SRAM 4-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1410V18 CYPRESS-CY7C1410V18 Datasheet
407Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18_09 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com