Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38024M6-640SS Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M38024M6-640SS
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
Download  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38024M6-640SS Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M38024M6-640SS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38024M6-640SS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38024M6-640SS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38024M6-640SS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38024M6-640SS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38024M6-640SS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38024M6-640SS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38024M6-640SS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38024M6-640SS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 207 page
background image
LIST OF GROUPS HAVING THE SIMILAR FUNCTIONS
Prescaler : 3
Timer : 4
<8-bit>
Prescaler : 3
Timer : 4
<8-bit>
Prescaler : 3
Timer : 4
<8-bit>
Function
Group
Pin
(Package type)
Timer
A-D converter
D-A converter
Clock generating circuit
Serial I/O
Remarks
One Time
PROM
EPROM
RAM
Mask
ROM
Memory
type
V
24K
512
384
32K
8K
16K
32K
16K
(Note 1)
8K
(Note 1)
16K
(Note 1)
32K
(Note 1)
384 384
640
8K
(Note 1)
24K
384
384
640
16K
(Note 1)
32K
(Note 1)
32K
(Note 1)
32K
1024
PWM output
512
16K
16K
16K
3800 group
64 pin
• 64P4B
• 64P6N-A
• 64P6D-A
1 circuit
UART or
Clock synchronous ! 1
3802 group
64 pin
• 64P4B
• 64P6N-A
8-bit ! 8-channel
8-bit ! 2-channel
UART or
Clock synchronous ! 1
Clock synchronous ! 1
1 circuit
1 circuit
UART or
Clock synchronous ! 1
Clock synchronous ! 1
3806 group
3807 group
80 pin
• 80P6N-A
2 circuit
8-bit ! 13-channel
8-bit ! 4-channel
UART or
Clock synchronous ! 1
Clock synchronous ! 1
Timer : 3
<8-bit>
Timer X/Y : 2
Timer A/B : 2
<16-bit>
80 pin
• 80P6N-A
• 80P6S-A
• 80P6D-A
12K
(Note 1)
16K
(Note 1)
24K
(Note 3)
24K
32K
(Note 3)
48K
(Note 3)
1024
512
384 384
1024
24K
(Note 2)
48K
(Note 3)
8-bit ! 8-channel
8-bit ! 2-channel
As of September 1995
Real time port output
Analog comparator
Watchdog timer
48K
(Note 2)
Notes 1: Extended operating temperature version available
2: High-speed version available
3: Extended operating temperature version and High-speed version available
V. ROM expansion
3802 group, one of the CMOS 8-bit microcomputer 38000 series presented in this user’s manual is provided with
standard functions.
The basic functions of the 3800, 3802, 3806 and 3807 groups having the same functions are shown below. For the
detailed functions of each group, refer to the related data book and user’s manual.
List of groups having the same functions


Similar Part No. - M38024M6-640SS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38024M6-XXXFP RENESAS-M38024M6-XXXFP Datasheet
669Kb / 52P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38024M6-XXXFP RENESAS-M38024M6-XXXFP Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38024M6-XXXFS RENESAS-M38024M6-XXXFS Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38024M6-XXXSP RENESAS-M38024M6-XXXSP Datasheet
669Kb / 52P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38024M6-XXXSP RENESAS-M38024M6-XXXSP Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38024M6-640SS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com