Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9809 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9809
Description  Single standard multimedia IF-PLL and FM radio demodulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9809 Datasheet HTML 1Page - NXP Semiconductors TDA9809 Datasheet HTML 2Page - NXP Semiconductors TDA9809 Datasheet HTML 3Page - NXP Semiconductors TDA9809 Datasheet HTML 4Page - NXP Semiconductors TDA9809 Datasheet HTML 5Page - NXP Semiconductors TDA9809 Datasheet HTML 6Page - NXP Semiconductors TDA9809 Datasheet HTML 7Page - NXP Semiconductors TDA9809 Datasheet HTML 8Page - NXP Semiconductors TDA9809 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
1998 Jan 08
5
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
PINNING
SYMBOL
PIN
DESCRIPTION
ViVIF1
1
VIF differential input signal voltage 1
ViVIF2
2
VIF differential input signal voltage 2
LP0
3
logic port 0
ViRIF
4
RIF input
CVAGC
5
VIF AGC capacitor
TPLL
6
PLL loop filter
VoAF
7
audio output
LP2
8
logic port 2 and soft mute threshold
adjustment
CDEC
9
decoupling capacitor
Vo(int)
10
intercarrier output voltage
ViFM
11
sound intercarrier input voltage
TAGC
12
TV/radio tuner AGC output
Vo(vid)
13
composite video output voltage
AFC
14
AFC/RIF level output
VCO1
15
VCO1 resonance circuit
VCO2
16
VCO2 resonance circuit
GND
17
ground
CERRES
18
ceramic resonator 10.7 MHz
VP
19
supply voltage
TADJ
20
tuner AGC takeover point adjustment
Fig.2 Pin configuration.
handbook, halfpage
ViVIF1
ViVIF2
LP0
ViRIF
CVAGC
TPLL
VoAF
LP2
CDEC
Vo(int)
TADJ
VP
CERRES
GND
VCO1
AFC
VCO2
Vo(vid)
TAGC
ViFM
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA9809M
MHA958
FUNCTIONAL DESCRIPTION
The TDA9809M is comprised of the functional blocks
shown in Fig.1:
• Vision IF amplifier and AGC detector
• Tuner (TV/radio) and VIF AGC
• Frequency Phase-Locked Loop (FPLL) detector
• VCO, Travelling Wave Divider (TWD) and TV AFC
• Video demodulator and amplifier
• Intercarrier mixer
• RIF amplifier and AGC detector
• FM-PLL demodulator, level detector and radio AFC
• Audio Frequency (AF) signal processing
• Internal voltage stabilizer
• Logic.
Vision IF amplifier and AGC detector
The vision IF amplifier contains three AC-coupled
differential amplifier stages. Each differential stage
includes a feedback network controlled by emitter
degeneration.
The AGC detector generates the required VIF gain control
voltage for constant video output by charging/discharging
the AGC capacitor. The sync level of the video signal is
therefore detected for negative video modulation.
Tuner (TV/radio) and VIF AGC
For TV operation, the AGC capacitor voltage is converted
to an internal IF control signal and then fed to the tuner
AGC to generate the tuner AGC output current at
pin TAGC (open-collector output). The tuner AGC
takeover point can be adjusted at pin TADJ. This allows
the tuner to be matched to the SAW filter in order to
achieve the optimum IF input level.
For FM radio operation, an AGC detector is provided to
obtain some adjacent channel protection.


Similar Part No. - TDA9809

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results

Similar Description - TDA9809

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295 NXP-TDA8295_09 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com