Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9809 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA9809
Description  Single standard multimedia IF-PLL and FM radio demodulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA9809 Datasheet HTML 2Page - NXP Semiconductors TDA9809 Datasheet HTML 3Page - NXP Semiconductors TDA9809 Datasheet HTML 4Page - NXP Semiconductors TDA9809 Datasheet HTML 5Page - NXP Semiconductors TDA9809 Datasheet HTML 6Page - NXP Semiconductors TDA9809 Datasheet HTML 7Page - NXP Semiconductors TDA9809 Datasheet HTML 8Page - NXP Semiconductors TDA9809 Datasheet HTML 9Page - NXP Semiconductors TDA9809 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
1998 Jan 08
6
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
Frequency Phased-Locked Loop detector (FPLL)
The VIF amplifier output signal is fed, via a limiting
amplifier, to a frequency and phase detector. During
acquisition, the frequency detector generates a DC current
that is proportional to the difference in frequency between
the input signal and the VCO signal.
After frequency lock-in, the phase detector generates a
DC current proportional to the phase difference between
the input signal and the VCO signal. The DC current
generated by the frequency or phase detector is converted
to a DC voltage via the loop filter, which controls the VCO
frequency.
VCO, TWD and TV AFC
The VCO operates with a resonance circuit (with L and C
in parallel) at double the Picture Carrier (PC) frequency.
The VCO is controlled by two integrated variable
capacitors. The control voltage required to tune the VCO
from its free-running frequency to double the PC frequency
is generated by the FPLL and fed via the loop filter to the
first variable capacitor. This control voltage is amplified
and converted into a current which represents the AFC
output signal. At the centre frequency, the AFC output
current is zero.
The TWD divides the oscillator signal by 2 and generates
two differential output signals with a 90
° phase difference
independent of frequency.
Video demodulator and amplifier
Video demodulation is realized by a multiplier designed for
low distortion and wide bandwidth. The vision IF input
signal and the ‘in-phase’ signal of the travelling wave
divider output are multiplied together.
The demodulated output signal is fed to the video amplifier
via an integrated low-pass filter used to attenuate the
carrier harmonics. This is an operational amplifier with
internal feedback and wide bandwidth. A low-pass filter is
integrated to attenuate the carrier harmonics. The video
output signal at Vo(vid) is 1.1 V (p-p) for nominal vision IF
modulation, in order to achieve 1 V (p-p) at the sound trap
output.
Intercarrier mixer
The intercarrier mixer is realized by a multiplier.
The sound IF signal passes through the vision IF SAW
filter and the composite IF signal is then fed to the
intercarrier mixer. Here, the IF signal is multiplied by the
90
° TWD output signal to convert the sound IF to the
intercarrier frequency. By using this quadrature detection,
the low frequency video signals are removed. The mixer
output signal is fed, via a high-pass filter used to attenuate
the video signal components, at output pin 10.
RIF amplifier and AGC detector
The radio IF amplifier amplifies the 10.7 MHz radio IF
signal. This signal is supplied by the tuner and is fed to the
RIF input (pin 4) via a matching circuit and a ceramic
band-pass filter. This amplifier contains two stages.
The first stage, a conventional 0 dB differential amplifier
designed for optimal dynamic range, is followed by a
switchable differential amplifier stage with a gain of 10 dB.
Either the radio IF or the TV IF signal can be selected at
the output (pin 10).
The RIF output signal is fed via ceramic band-pass filters
to the FM-PLL demodulator and the radio IF AGC detector.
The AGC threshold is very high and is designed to obtain
some adjacent channel protection. The AGC detector
output is fed to the tuner AGC output stage (pin 12) to
control the tuner.
FM-PLL demodulator, level detector and radio AFC
The FM-PLL demodulator consists of a limiter and an FM
phase-locked loop. The 8-stage internally AC-coupled
limiter amplifies and limits the TV FM sound intercarrier or
the radio FM intermediate frequency signal prior to
demodulation. The limiter is designed for high sensitivity
and AM suppression with low DC offset and needs no
external pins for DC coupling.
Furthermore, the AF output signal can be force muted by
connecting a resistor between pin 11 and ground. The soft
mute function can be disabled by connecting a resistor
between pin 11 and the power supply. See the application
circuit in Fig.16.


Similar Part No. - TDA9809

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results

Similar Description - TDA9809

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295 NXP-TDA8295_09 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com