Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1Q2A3636ABG-40R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1Q2A3636ABG-40R
Description  36-Mbit QDR™II SRAM 2-word Burst
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q2A3636ABG-40R Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1Q2A3636ABG-40R Datasheet HTML 1Page - Renesas Technology Corp R1Q2A3636ABG-40R Datasheet HTML 2Page - Renesas Technology Corp R1Q2A3636ABG-40R Datasheet HTML 3Page - Renesas Technology Corp R1Q2A3636ABG-40R Datasheet HTML 4Page - Renesas Technology Corp R1Q2A3636ABG-40R Datasheet HTML 5Page - Renesas Technology Corp R1Q2A3636ABG-40R Datasheet HTML 6Page - Renesas Technology Corp R1Q2A3636ABG-40R Datasheet HTML 7Page - Renesas Technology Corp R1Q2A3636ABG-40R Datasheet HTML 8Page - Renesas Technology Corp R1Q2A3636ABG-40R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
REJ03C0294-0003 Rev.0.03 Jul. 31, 2007
R1Q2A3636/R1Q2A3618/R1Q2A3609
36-Mbit QDR™II SRAM
2-word Burst
REJ03C0294-0003
Preliminary
Rev. 0.03
Jul. 31, 2007
Description
The R1Q2A3636 is a 1,048,576-word by 36-bit, the R1Q2A3618 is a 2,097,152-word by 18-bit, and the R1Q2A3609 is
a 4,194,304-word by 9-bit synchronous quad data rate static RAM fabricated with advanced CMOS technology using
full CMOS six-transistor memory cell. It integrates unique synchronous peripheral circuitry and a burst counter. All
input registers controlled by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These
products are suitable for applications which require synchronous operation, high speed, low voltage, high density and
wide bit configuration. These products are packaged in 165-pin plastic FBGA package.
Features
• 1.8 V ± 0.1 V power supply for core (VDD)
• 1.4 V to VDD power supply for I/O (VDDQ)
• DLL circuitry for wide output data valid window and future frequency scaling
• Separate independent read and write data ports with concurrent transactions
• 100% bus utilization DDR read and write operation
• Two-tick burst for low DDR transaction size
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two output clocks (C and /C) for precise flight time and clock skew matching-clock and data delivered together to
receiving device
• Internally self-timed write control
• Clock-stop capability with µs restart
• User programmable impedance output
• Fast clock cycle time: 4.0 ns (250 MHz)/5.0 ns (200 MHz)/6.0 ns (167 MHz)
• Simple control logic for easy depth expansion
• JTAG boundary scan
Notes: QDR RAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress
Semiconductor, IDT, NEC, Samsung, and Renesas Technology Corp.
Preliminary:
The specifications of this device are subject to change without notice. Please contact your nearest
Renesas Technology's Sales Dept. regarding specifications.
Page 1 of 23


Similar Part No. - R1Q2A3636ABG-40R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A3636ABG40RB0 RENESAS-R1Q2A3636ABG40RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636ABG40RS0 RENESAS-R1Q2A3636ABG40RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636ABG40RT0 RENESAS-R1Q2A3636ABG40RT0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636ABG50RB0 RENESAS-R1Q2A3636ABG50RB0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636ABG50RS0 RENESAS-R1Q2A3636ABG50RS0 Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
More results

Similar Description - R1Q2A3636ABG-40R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636 RENESAS-R1Q3A3636 Datasheet
1Mb / 26P
   36-Mbit QDR™II SRAM 4-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1410V18 CYPRESS-CY7C1410V18 Datasheet
407Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18_09 Datasheet
653Kb / 26P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com