Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1502-33 Datasheet(PDF) 9 Page - International Rectifier

Part # IRU1502-33
Description  MICROPOWER 1A LOW DROPOUT PMOS VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1502-33 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRU1502-33 Datasheet HTML 3Page - International Rectifier IRU1502-33 Datasheet HTML 4Page - International Rectifier IRU1502-33 Datasheet HTML 5Page - International Rectifier IRU1502-33 Datasheet HTML 6Page - International Rectifier IRU1502-33 Datasheet HTML 7Page - International Rectifier IRU1502-33 Datasheet HTML 8Page - International Rectifier IRU1502-33 Datasheet HTML 9Page - International Rectifier IRU1502-33 Datasheet HTML 10Page - International Rectifier IRU1502-33 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRU1502-33
9
Rev. 1.0
07/17/03
www.irf.com
uJA = 428C/W
TA = 45
8C
DT = PD3uJA = 1.7342 = 71.4
TJ = TA+
DT = 116.48C
The thermal pad of MLPM is connected to a 1 inch square
copper through vias for a four layer PCB board design.
From the datasheet, this thermal junction-to-ambient re-
sistance is given as:
For IRU1502-33, the thermal design needs to be con-
sider so that the resultant junction temperature is lower
than the maximum operating temperature, which is 125
8C.
Therefore:
Assuming, the following conditions:
Calculate the maximum power dissipation using the fol-
lowing equation:
For MLPM package, we have:
Layout Consideration
The IRU1502-33, like many other high-speed regulators,
requires that the output capacitors be close to the de-
vice for stability. For power consideration, a ground plane
pad of approximately one-inch square on the compo-
nent side must be dedicated to the device where all
ground pins are connected to dissipate the power. If a
multilayer board is used, it is recommended that the
inner layers of the board are also dedicated to the size
of the pad for better thermal characteristics.
ΘJA=428C/W
TJ =
ΘJA3PD+TA[ 1258C
Where:
ΘJC ≅ 2.38C
ΘCH ≅ 18C
ΘHA ≅ 38.78C
PD = 1
3(5 - 3.3) = 1.7W
PD = IOUT
3(VIN - VOUT)
VOUT = 3.3V
VIN = 5V
IOUT = 1A (DC Avg)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 02/01


Similar Part No. - IRU1502-33

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IRU151 AXIOMTEK-IRU151 Datasheet
337Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
More results

Similar Description - IRU1502-33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275 ONSEMI-MC33275 Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
MC33375 ONSEMI-MC33375 Datasheet
213Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com