Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F212F4DXXXFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F212F4DXXXFP
Description  MCU
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212F4DXXXFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F212F4DXXXFP Datasheet HTML 2Page - Renesas Technology Corp R5F212F4DXXXFP Datasheet HTML 3Page - Renesas Technology Corp R5F212F4DXXXFP Datasheet HTML 4Page - Renesas Technology Corp R5F212F4DXXXFP Datasheet HTML 5Page - Renesas Technology Corp R5F212F4DXXXFP Datasheet HTML 6Page - Renesas Technology Corp R5F212F4DXXXFP Datasheet HTML 7Page - Renesas Technology Corp R5F212F4DXXXFP Datasheet HTML 8Page - Renesas Technology Corp R5F212F4DXXXFP Datasheet HTML 9Page - Renesas Technology Corp R5F212F4DXXXFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
3.
Register Notation
The symbols and terms used in register diagrams are described below.
*1
Blank: Set to 0 or 1 according to the application.
0: Set to 0.
1: Set to 1.
X: Nothing is assigned.
*2
RW: Read and write.
RO: Read only.
WO: Write only.
−: Nothing is assigned.
*3
• Reserved bit
Reserved bit. Set to specified value.
*4
• Nothing is assigned
Nothing is assigned to the bit. As the bit may be used for future functions, if necessary, set to 0.
• Do not set to a value
Operation is not guaranteed when a value is set.
• Function varies according to the operating mode.
The function of the bit varies with the peripheral function mode. Refer to the register diagram for information
on the individual modes.
XXX Register
Symbol
Address
After Reset
XXX
XXX
00h
Bit Name
Bit Symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
XXX bits
1 0: XXX
0 1: XXX
1 0: Do not set.
1 1: XXX
b1 b0
XXX1
XXX0
XXX4
Reserved bits
XXX5
XXX7
XXX6
Function
Nothing is assigned. If necessary, set to 0.
When read, the content is undefined.
XXX bit
Function varies according to the operating
mode.
Set to 0.
0
(b3)
(b2)
RW
RW
RW
RW
WO
RW
RO
XXX bits
0: XXX
1: XXX
*1
*2
*3
*4


Similar Part No. - R5F212F4DXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F212F4DXXXFP RENESAS-R5F212F4DXXXFP Datasheet
3Mb / 354P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results

Similar Description - R5F212F4DXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
R8C22 RENESAS-R8C22 Datasheet
479Kb / 52P
   MCU
R8C-2G RENESAS-R8C-2G Datasheet
316Kb / 43P
   MCU
R8C-2K RENESAS-R8C-2K Datasheet
369Kb / 47P
   MCU
logo
GigaDevice Semiconducto...
GD32 GIGADEVICE-GD32 Datasheet
4Mb / 28P
   MCU
logo
Renesas Technology Corp
R8C2A RENESAS-R8C2A Datasheet
482Kb / 58P
   MCU
R8C-2H RENESAS-R8C-2H Datasheet
457Kb / 68P
   MCU
R8C-33A RENESAS-R8C-33A Datasheet
452Kb / 55P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com