Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204D20A Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6204D20A
Description  High Speed LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204D20A Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6204D20A Datasheet HTML 7Page - Torex Semiconductor XC6204D20A Datasheet HTML 8Page - Torex Semiconductor XC6204D20A Datasheet HTML 9Page - Torex Semiconductor XC6204D20A Datasheet HTML 10Page - Torex Semiconductor XC6204D20A Datasheet HTML 11Page - Torex Semiconductor XC6204D20A Datasheet HTML 12Page - Torex Semiconductor XC6204D20A Datasheet HTML 13Page - Torex Semiconductor XC6204D20A Datasheet HTML 14Page - Torex Semiconductor XC6204D20A Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
(5)Output Voltage vs. Ambient Temperature
(6)Supply Current vs. Ambient Temperature
11
XC6204 Series
High Speed LDO Regulators
XC6204x182
1.70
1.75
1.80
1.85
1.90
-50
-25
0
25
50
75
100
Ambient Temperature Topr(
OC)
IOUT=0mA
1mA
30mA
100mA
VIN=2.8V
CIN=CL=1.0uF(ceramic)
XC6204x252
2.40
2.45
2.50
2.55
2.60
-50
-25
0
25
50
75
100
Ambient Temperature Topr(
OC)
IOUT=0mA
1mA
30mA
100mA
VIN=3.5V
CIN=CL=1.0uF(ceramic)
XC6204x302
2.90
2.95
3.00
3.05
3.10
-50
-25
0
25
50
75
100
Ambient Temperature Topr(
OC)
IOUT=0mA
1mA
30mA
100mA
VIN=4.0V
CIN=CL=1.0uF(ceramic)
XC6204x502
4.90
4.95
5.00
5.05
5.10
-50
-25
0
25
50
75
100
Ambient Temperature Topr(
OC)
IOUT=0mA
1mA
30mA
100mA
VIN=6.0V
CIN=CL=1.0uF(ceramic)
XC6204B182
50
60
70
80
90
100
-50
-25
0
25
50
75
100
Ambient Temperature Topr(
OC)
VIN=2.8V
XC6204B252
50
60
70
80
90
100
-50
-25
0
25
50
75
100
Ambient Temperature Topr(
OC)
VIN=3.5V


Similar Part No. - XC6204D20A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204D20ADL TOREX-XC6204D20ADL Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204D20ADL TOREX-XC6204D20ADL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D20ADR TOREX-XC6204D20ADR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204D20ADR TOREX-XC6204D20ADR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204D20AML TOREX-XC6204D20AML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
More results

Similar Description - XC6204D20A

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com