Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL60002DIH310Z-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL60002DIH310Z-TK
Description  Precision Low Power FGA??Voltage References
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002DIH310Z-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL60002DIH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 9Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 10Page - Intersil Corporation ISL60002DIH310Z-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
FN8082.8
June 4, 2007
Electrical Specifications ISL60002-33, VOUT = 3.300V
Operating Conditions: VIN = 5.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +105°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
3.300
V
VOA
VOUT Accuracy
TA = +25°C
ISL60002B33
-1.0
1.0
mV
ISL60002C33
-2.5
2.5
mV
ISL60002D33
-5.0
5.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 1)
20
ppm/°C
VIN
Input Voltage Range
3.5
5.5
V
IIN
Supply Current
350
700
nA
ΔV
OUT/ΔVIN
Line Regulation
+3.5V
≤ V
IN ≤ +5.5V
80
200
µV/V
ΔVOUT/ΔIOUT
Load Regulation
0mA
≤ ISOURCE ≤ 20mA
25
100
µV/mA
-20mA
≤ ISINK ≤ 0mA
50
150
µV/mA
ΔV
OUT/Δt
Long Term Stability (Note 3)
TA = +25°C
TBD
ppm/
√1kHrs
ΔVOUT/ΔTA
Thermal Hysteresis (Note 2)
ΔTA = +145°C
100
ppm
ISC
Short Circuit Current (to GND)
TA = +25°C
50
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
Common Electrical Specifications ISL60002 -10, -11, -12, -18, -20, and -25
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TC VOUT
Output Voltage Temperature
Coefficient (Note 1)
20
ppm/°C
IIN
Supply Current
350
900
nA
ΔVOUT/ΔVIN
Line Regulation
+2.7V
≤ VIN ≤ +5.5V
80
250
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
0mA
≤ I
SOURCE ≤ 7mA
25
100
µV/mA
-7mA
≤ ISINK ≤ 0mA
50
150
µV/mA
ΔVOUT/Δt
Long Term Stability (Note 3)
TA = +25°C
TBD
ppm/
√1kHrs
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 2)
ΔT
A = +125°C
100
ppm
ISC
Short Circuit Current (to GND)
TA = +25°C
50
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
NOTES:
1. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range: (-40°C to +85°C = +125°C, or -40°C to +105°C = +145°C for the ISL60002-33).
2. Thermal Hysteresis is the change in VOUT measured @ TA = +25°C after temperature cycling over a specified range, ΔTA, VOUT is read initially
at TA = +25°C for the device under test. The device is temperature cycled and a second VOUT measurement is taken at +25°C. The difference
between the initial VOUT reading and the second VOUT reading is then expressed in ppm. For ΔTA = +125°C, the device under is cycled from
+25°C to +85°C to -40°C to +25°C, and for
ΔT
A = +145°C, the device under is cycled from +25°C to +105°C to -40°C to +25°C
3. FGA™ voltage reference long term drift is a logarithmic characteristic. Changes that occur after the first few hundred hours of operation are
significantly smaller with time, asymptotically approaching zero beyond 2000 hours. Because of this decreasing characteristic, long-term drift is
specified in ppm/
√1kHr.
ISL60002


Similar Part No. - ISL60002DIH310Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002DIH310Z-TK INTERSIL-ISL60002DIH310Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002DIH310Z-TK INTERSIL-ISL60002DIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002DIH310Z-TK INTERSIL-ISL60002DIH310Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL60002DIH310Z-TK INTERSIL-ISL60002DIH310Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002DIH310Z-TK RENESAS-ISL60002DIH310Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Similar Description - ISL60002DIH310Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_10 Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com