Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9811 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9811
Description  Multistandard VIF-PLL with QSS-IF and AM demodulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9811 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9811 Datasheet HTML 1Page - NXP Semiconductors TDA9811 Datasheet HTML 2Page - NXP Semiconductors TDA9811 Datasheet HTML 3Page - NXP Semiconductors TDA9811 Datasheet HTML 4Page - NXP Semiconductors TDA9811 Datasheet HTML 5Page - NXP Semiconductors TDA9811 Datasheet HTML 6Page - NXP Semiconductors TDA9811 Datasheet HTML 7Page - NXP Semiconductors TDA9811 Datasheet HTML 8Page - NXP Semiconductors TDA9811 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1998 Feb 09
5
Philips Semiconductors
Product specification
Multistandard VIF-PLL with QSS-IF and
AM demodulator
TDA9811
PINNING
SYMBOL
PIN
DESCRIPTION
Vi VIF1
1
VIF differential input signal voltage 1
Vi VIF2
2
VIF differential input signal voltage 2
CBL
3
black level detector
Vi VIF3
4
VIF differential input signal voltage 3
Vi VIF4
5
VIF differential input signal voltage 4
TADJ
6
tuner AGC takeover adjust (TOP)
TPLL
7
PLL loop filter
CSAGC
8
SIF AGC capacitor
STD
9
standard switch
Vo CVBS
10
CVBS output signal voltage
LSWI
11
L/L accent switch
VoAF
12
AM audio voltage frequency output
n.c.
13
not connected
n.c.
14
not connected
n.c.
15
not connected
n.c.
16
not connected
MUTE
17
AM mute
n.c.
18
not connected
TAGC
19
tuner AGC output
Vo QSS
20
single reference QSS output voltage
Vo(vid)
21
composite video output voltage
Vi(vid)
22
video buffer input voltage
AFC
23
AFC output
VCO1
24
VCO1 reference circuit for 2fPC
VCO2
25
VCO2 reference circuit for 2fPC
Cref
26
1
2VP reference capacitor
GND
27
ground
CVAGC
28
VIF-AGC capacitor
VP
29
supply voltage
INSWI
30
VIF input switch
Vi SIF1
31
SIF differential input signal voltage 1
Vi SIF2
32
SIF differential input signal voltage 2
Fig.2 Pin configuration.
handbook, halfpage
TDA9811
MHA047
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
V
V
C
TADJ
T
C
STD
V
LSWI
V
n.c.
n.c.
n.c.
n.c.
V
V
V
C
GND
INSWI
C
VCO2
VCO1
AFC
V
V
V
TAGC
n.c.
o AF
o CVBS
SAGC
PLL
BL
i VIF2
i VIF1
V
Vi VIF4
i VIF3
P
i SIF1
i SIF2
VAGC
ref
MUTE
o QSS
o(vid)
i(vid)


Similar Part No. - TDA9811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
More results

Similar Description - TDA9811

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com