Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV0408DSB-7LR Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1LV0408DSB-7LR
Description  4M SRAM (512-kword8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0408DSB-7LR Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1LV0408DSB-7LR Datasheet HTML 3Page - Renesas Technology Corp R1LV0408DSB-7LR Datasheet HTML 4Page - Renesas Technology Corp R1LV0408DSB-7LR Datasheet HTML 5Page - Renesas Technology Corp R1LV0408DSB-7LR Datasheet HTML 6Page - Renesas Technology Corp R1LV0408DSB-7LR Datasheet HTML 7Page - Renesas Technology Corp R1LV0408DSB-7LR Datasheet HTML 8Page - Renesas Technology Corp R1LV0408DSB-7LR Datasheet HTML 9Page - Renesas Technology Corp R1LV0408DSB-7LR Datasheet HTML 10Page - Renesas Technology Corp R1LV0408DSB-7LR Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
R1LV0408D Series
AC Characteristics
(Ta = 0 to
+70°C / −40 to +85°C, V
CC = 2.7 V to 3.6 V)
Test Conditions
• Input pulse levels: V
IL = 0.4 V, VIH = 2.4 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: 1 TTL Gate + C
L (50 pF) (R1LV0408D-5S%)
1 TTL Gate + C
L (100 pF) (R1LV0408D-7L%)
(Including scope and jig)
Note:
Temperature range depends on R/I-version. Please see table on page 2.
Read Cycle
R1LV0408D
-5S%
-7L%
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
55
70
ns
Address access time
t
AA
55
70
ns
Chip select access time
t
CO
55
70
ns
Output enable to output valid
t
OE
30
35
ns
Chip select to output in low-Z
t
LZ
10
10
ns
2
Output enable to output in low-Z
t
OLZ
5
5
ns
2
Chip deselect to output in high-Z
t
HZ
0
20
0
25
ns
1, 2
Output disable to output in high-Z
t
OHZ
0
20
0
25
ns
1, 2
Output hold from address change
t
OH
10
10
ns
Rev.1.00, May.24.2007, page 7 of 12


Similar Part No. - R1LV0408DSB-7LR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
R1LV0408CSA-5SC RENESAS-R1LV0408CSA-5SC Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
R1LV0408CSA-5SI HITACHI-R1LV0408CSA-5SI Datasheet
94Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
R1LV0408CSA-5SI RENESAS-R1LV0408CSA-5SI Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
More results

Similar Description - R1LV0408DSB-7LR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0408C-C RENESAS-R1LP0408C-C Datasheet
94Kb / 14P
   4M SRAM (512-kword 횞 8-bit)
R1RP0408DI RENESAS-R1RP0408DI_15 Datasheet
102Kb / 14P
   R1RP0408DI_15 4M High Speed SRAM (512-kword 횞 8-bit)
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
logo
Renesas Technology Corp
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Hitachi Semiconductor
REJ03C0098_R1LV0408C HITACHI-REJ03C0098_R1LV0408C Datasheet
94Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
logo
Renesas Technology Corp
R1LP0408C-I RENESAS-R1LP0408C-I Datasheet
87Kb / 14P
   Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
R1RP0408DI RENESAS-R1RP0408DI Datasheet
79Kb / 12P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
R1RW0408DI RENESAS-R1RW0408DI_15 Datasheet
102Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (512-kword 횞 8-bit)
logo
Hitachi Semiconductor
HM628511HI HITACHI-HM628511HI Datasheet
64Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com