Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV0414D Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R1LV0414D
Description  4M SRAM (256-kword16-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0414D Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R1LV0414D Datasheet HTML 6Page - Renesas Technology Corp R1LV0414D Datasheet HTML 7Page - Renesas Technology Corp R1LV0414D Datasheet HTML 8Page - Renesas Technology Corp R1LV0414D Datasheet HTML 9Page - Renesas Technology Corp R1LV0414D Datasheet HTML 10Page - Renesas Technology Corp R1LV0414D Datasheet HTML 11Page - Renesas Technology Corp R1LV0414D Datasheet HTML 12Page - Renesas Technology Corp R1LV0414D Datasheet HTML 13Page - Renesas Technology Corp R1LV0414D Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
R1LV0414D Series
Low VCC Data Retention Characteristics
(Ta =
−40 to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
VCC for data retention
VDR
2
V
Vin
≥ 0V
(1) CS#
≥ VCC − 0.2 V or
(2) LB# = UB#
≥ VCC − 0.2 V,
CS#
≤ 0.2 V
to +85
°C
ICCDR
10
µA
to +70
°C
ICCDR
8
µA
to +40
°C
ICCDR
3
µA
−5SI
to +25
°C
ICCDR
1*
1
2.5
µA
to +85
°C
ICCDR
20
µA
to +70
°C
ICCDR
16
µA
to +40
°C
ICCDR
10
µA
Data
retention
current
−7LI
to +25
°C
ICCDR
1*
1
10
µA
VCC = 3.0 V, Vin
≥ 0V
(1) CS#
≥ VCC − 0.2 V or
(2) LB# = UB#
≥ VCC − 0.2 V,
CS#
≤ 0.2 V
Average values
Chip deselect to data retention time
tCDR
0
ns
See retention waveform
Operation recovery time
tR
5
ms
Note:
1. Typical values are at VCC = 3.0 V, Ta = +25
°C and specified loading, and not guaranteed.
Rev.1.00,
May.24.2007,
page 11 of 12


Similar Part No. - R1LV0414D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0414CSB-5SI RENESAS-R1LV0414CSB-5SI Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0414CSB-7LI RENESAS-R1LV0414CSB-7LI Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
More results

Similar Description - R1LV0414D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0416D RENESAS-R1LV0416D Datasheet
529Kb / 17P
   4M SRAM (256-kword 횞 16-bit)
R1LV0416DSB-5SIS0 RENESAS-R1LV0416DSB-5SIS0 Datasheet
236Kb / 19P
   4M SRAM (256-kword 횞 16-bit)
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
   4M High Speed SRAM (256-kword 횞 16-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1RW0416DI RENESAS-R1RW0416DI Datasheet
93Kb / 14P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
R1RP0416DI RENESAS-R1RP0416DI_15 Datasheet
119Kb / 16P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
logo
Hitachi Semiconductor
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RW0416DI RENESAS-R1RW0416DI_10 Datasheet
472Kb / 13P
   Wide Temperature Range Version 4M High Speed SRAM (256-kword 횞 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com