Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M51945A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M51945A
Description  Voltage Detecting, System Resetting IC Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51945A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M51945A Datasheet HTML 2Page - Renesas Technology Corp M51945A Datasheet HTML 3Page - Renesas Technology Corp M51945A Datasheet HTML 4Page - Renesas Technology Corp M51945A Datasheet HTML 5Page - Renesas Technology Corp M51945A Datasheet HTML 6Page - Renesas Technology Corp M51945A Datasheet HTML 7Page - Renesas Technology Corp M51945A Datasheet HTML 8Page - Renesas Technology Corp M51945A Datasheet HTML 9Page - Renesas Technology Corp M51945A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M51945A,B/M51946A,B
REJ03D0774-0200 Rev.2.00 Aug 20, 2007
Page 6 of 10
Notice for use
About the Power Supply Line
1. About bypass capacitor
Because the ripple and the spike of the high frequency noise and the low frequency are superimposed to the power
supply line, it is necessary to remove these.
Therefore, please install C1 and C2 for the low frequency and for the high frequency between the power supply line
and the GND line as shown in following figure 2.
Power-supply
Output
R1
VCC
R2
Vin
M51945
M51946
Input
GND
C2
C1
+
Example of ripple
noise measures
Figure 2 Example of Ripple Noise Measures
2. The sequence of voltage impression
Please do not impress the voltages to the input terminals earlier than the power supply terminal. Moreover, please
do not open the power supply terminal with the voltage impressed to the input terminal.
(The setting of the bias of an internal circuit collapses, and a parasitic element might operate.)
About the Input Terminal
1. Setting range of input voltage
The following voltage is recommended to be input to the input terminal (pin 2).
about 0.8 (V) < Vin < VCC – 0.3 (V) .... at VCC ≤ 7 V
about 0.8 (V) < Vin < 6.7 (V) .............. at VCC > 7 V
2. About using input terminal
Please do an enough verification to the transition characteristic etc. of the power supply when using independent
power supply to input terminal (pin 2).
Power-supply
Output
Vin
M51945
M51946
Input
GND
Vin is decided to the VCC subordinating,
and operates in the range
about 0.8 (V) < Vin < VCC – 0.3 (V).
VCC
Figure 3 Recommended Example


Similar Part No. - M51945A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51945A MITSUBISHI-M51945A Datasheet
217Kb / 7P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
More results

Similar Description - M51945A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com