Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SCHR-L12 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH28F008SCHR-L12
Description  Flash Memory 8M (1MB 횞 8)
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SCHR-L12 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH28F008SCHR-L12 Datasheet HTML 2Page - Sharp Corporation LH28F008SCHR-L12 Datasheet HTML 3Page - Sharp Corporation LH28F008SCHR-L12 Datasheet HTML 4Page - Sharp Corporation LH28F008SCHR-L12 Datasheet HTML 5Page - Sharp Corporation LH28F008SCHR-L12 Datasheet HTML 6Page - Sharp Corporation LH28F008SCHR-L12 Datasheet HTML 7Page - Sharp Corporation LH28F008SCHR-L12 Datasheet HTML 8Page - Sharp Corporation LH28F008SCHR-L12 Datasheet HTML 9Page - Sharp Corporation LH28F008SCHR-L12 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
LHF08CH1
3
Rev. 1.3
1 INTRODUCTION
This
datasheet
contains
LH28F008SCT-L85
specifications. Section 1 provides a flash memory
overview. Sections 2, 3, 4, and 5 describe the
memory organization and functionality. Section 6
covers electrical specifications. LH28F008SCT-L85
Flash
memory
documentation
also
includes
application
notes
and
design
tools
which
are
referenced in Section 7.
1.1 New Features
The LH28F008SCT-L85 SmartVoltage Flash memory
maintains
backwards-compatibility
with
SHARP’s
28F008SA. Key enhancements over the 28F008SA
include:
•SmartVoltage Technology
•Enhanced Suspend Capabilities
•In-System Block Locking
Both devices share a compatible pinout, status
register,
and
software
command
set.
These
similarities
enable
a
clean
upgrade
from
the
28F008SA to LH28F008SCT-L85. When upgrading, it
is important to note the following differences:
•Because of new feature support, the two devices
have different device codes. This allows for
software optimization.
•V
PPLK has been lowered from 6.5V to 1.5V to
support 3.3V and 5V block erase, byte write, and
lock-bit configuration operations. The VPP voltage
transitions to GND is recommended for designs
that switch VPP off during read operation.
•To take advantage of SmartVoltage technology,
allow VPP connection to 3.3V or 5V.
1.2 Product Overview
The LH28F008SCT-L85 is a high-performance 8M-bit
SmartVoltage Flash memory organized as 1M-byte of
8 bits. The 1M-byte of data is arranged in sixteen
64K-byte blocks which are individually erasable,
lockable, and unlockable in-system. The memory
map is shown in Figure 3.
SmartVoltage technology provides a choice of VCC
and VPP combinations, as shown in Table 1, to meet
system performance and power expectations. 2.7V
VCC consumes approximately one-fifth the power of
5V VCC. But, 5V VCC provides the highest read
performance. VPP at 3.3V and 5V eliminates the need
for
a
separate
12V
converter,
while
VPP=12V
maximizes block erase and byte write performance.
In addition to flexible erase and program voltages,
the dedicated VPP pin gives complete data protection
when VPP≤VPPLK.
Table 1. VCC and VPP Voltage Combinations
Offered by SmartVoltage Technology
VCC Voltage
VPP Voltage
2.7V(1)
3.3V
3.3V, 5V, 12V
5V
5V, 12V
NOTE:
1. Block erase, byte write and lock-bit configuration
operations with VCC<3.0V are not supported.
Internal
VCC
and
VPP
detection
Circuitry
automatically configures the device for optimized
read and write operations.
A Command User Interface (CUI) serves as the
interface between the system processor and internal
operation of the device. A valid command sequence
written to the CUI initiates device automation. An
internal Write State Machine (WSM) automatically
executes the algorithms and timings necessary for
block erase, byte write, and lock-bit configuration
operations.
A block erase operation erases one of the device’s
64K-byte blocks typically within 0.3s (5V VCC, 12V
VPP) independent of other blocks. Each block can be
independently erased 100,000 times (1.6 million
block erases per device). Block erase suspend mode
allows system software to suspend block erase to
read or write data from any other block.
Writing memory data is performed in byte increments
typically within 6µs (5V VCC, 12V VPP). Byte write
suspend mode enables the system to read data or
execute code from any other flash memory array
location.
sharp


Similar Part No. - LH28F008SCHR-L12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH-L SHARP-LH28F008SCH-L Datasheet
1Mb / 44P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
262Kb / 40P
   M-bit (1 MB x 8) Smart 5 Flash Memories
LH28F008SCHT SHARP-LH28F008SCHT Datasheet
3Mb / 47P
   8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
More results

Similar Description - LH28F008SCHR-L12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SA SHARP-LH28F008SA Datasheet
249Kb / 27P
   8M (1M 횞 8) Flash Memory
LH28F008SC SHARP-LH28F008SC Datasheet
349Kb / 38P
   8M (1M 횞 8) Flash Memory
LHF16KA7 SHARP-LHF16KA7 Datasheet
3Mb / 53P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA3 SHARP-LHF16KA3 Datasheet
2Mb / 58P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA4 SHARP-LHF16KA4 Datasheet
3Mb / 52P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA9 SHARP-LHF16KA9 Datasheet
3Mb / 52P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA1 SHARP-LHF16KA1 Datasheet
3Mb / 58P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF16KA6 SHARP-LHF16KA6 Datasheet
2Mb / 59P
   Flash Memory 16M (2MB 횞 8/1MB 횞 16)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
   Flash Memory 8M (1M 횞 8/512K 횞 16)
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
   8M (512K 횞 16, 1M 횞 8) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com