Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M51958B Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M51958B
Description  Voltage Detecting, System Resetting IC Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M51958B Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M51958B Datasheet HTML 2Page - Renesas Technology Corp M51958B Datasheet HTML 3Page - Renesas Technology Corp M51958B Datasheet HTML 4Page - Renesas Technology Corp M51958B Datasheet HTML 5Page - Renesas Technology Corp M51958B Datasheet HTML 6Page - Renesas Technology Corp M51958B Datasheet HTML 7Page - Renesas Technology Corp M51958B Datasheet HTML 8Page - Renesas Technology Corp M51958B Datasheet HTML 9Page - Renesas Technology Corp M51958B Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M51957A,B/M51958A,B
REJ03D0778-0200 Rev.2.00 Aug 20, 2007
Page 6 of 13
Example of Application Circuit
Reset Circuit of M5195xx Series
RL
VCC
R1
R2
M51957x
M51958x
RESET (
RESET)
Logic circuit
Input
GND
GND
Delay capacitor
Cd
Power-
supply
Power-
supply
Output
Figure 1 Reset Circuit of M5195xx Series
Notes: 1. When the detecting supply voltage is 4.25 V, M51951, M51952, M51953 and M51954 are used. In this case,
R1 and R2 are not necessary.
When the voltage is anything except 4.25 V, M51955, M51956, M51957 and M51958 are used. In this case,
the detecting supply voltage is 1.25
× (R
1 +R2)/R2 (V) approximately. The detecting supply voltage can be
set between 2 V and 15 V.
2. When the delay time is short, M51951, M51952, M51955 and M51956 are available. These ICs have a
delay capacity and the delay time is about 200
µs.
If a longer delay time is necessary, M51953, M51954, M51957 and M51958 are used. In this case, the delay
time is about 0.34
× Cd (pF) µs.
3. If the M5195xx and the logic circuit share a common power source, type A (built-in load type) can be used
whether a pull-up resistor is included in the logic circuit or not.
4. The logic circuit preferably should not have a pull-down resistor, but if one is present, add load resistor RL to
overcome the pull-down resistor.
5. When the reset terminal in the logic circuit is of the low reset type, M51951, M51953, M51955 and M51957
are used and when the terminal is of the high reset type, M51952, M51954, M51956 and M51958 are used.
6. When a negative supply voltage is used, the supply voltage side of M5195xx and the GND side are
connected to negative supply voltage respectively.
Case of Using Reset Signal except Supply Voltage in the M5195xx Series
(a) Reset at ON
(b) Reset at transistor ON
Input
RL
VCC
RESET (
RESET)
Logic circuit
Input
GND
Delay capacitor
GND
Cd
R1
R2
RL
VCC
RESET (
RESET)
Logic circuit
GND
Delay capacitor
GND
Cd
R1
R2
Out
put
Out
put
M5195xx
(External delay
capacitor type)
M5195xx
(External delay
capacitor type)
Control
signal
Power-
supply
Power-
supply
Power-
supply
Power-
supply
Figure 2 Case of Using Reset Signal except Supply Voltage in the M5195xx Series


Similar Part No. - M51958B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51958B MITSUBISHI-M51958B Datasheet
219Kb / 7P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES?
More results

Similar Description - M51958B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51958A RENESAS-RNA51958A_15 Datasheet
152Kb / 14P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com