Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1630D06MM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA1630D06MM
Description  Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630D06MM Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA1630D06MM Datasheet HTML 1Page - Renesas Technology Corp HA1630D06MM Datasheet HTML 2Page - Renesas Technology Corp HA1630D06MM Datasheet HTML 3Page - Renesas Technology Corp HA1630D06MM Datasheet HTML 4Page - Renesas Technology Corp HA1630D06MM Datasheet HTML 5Page - Renesas Technology Corp HA1630D06MM Datasheet HTML 6Page - Renesas Technology Corp HA1630D06MM Datasheet HTML 7Page - Renesas Technology Corp HA1630D06MM Datasheet HTML 8Page - Renesas Technology Corp HA1630D06MM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
HA1630D04/05/06 Series
Rev.2.00 Feb 07, 2007 page 3 of 23
Absolute Maximum Ratings
(Ta = 25°C)
Items
Symbol
Ratings
Unit
Note
Supply voltage
VDD
7
V
Differential input voltage
VIN(diff)
–VDD to +VDD
V
Input voltage
VIN
–0.3 to +VDD
V
*
1
Power dissipation
PT
240/145
mW
TTP-8DA/MMPAK-8 *
2
Operating temp. Range
Topr
–40 to +85
°C
Storage temp. Range
Tstg
–55 to +125
°C
Notes: 1. Do not apply Input Voltage exceeding VDD or 7 V.
2. The value of PTSP0008JC-B (TTP-8DAV) / PLSP0008JC-A (MMPAK-8). It computes from heat resistance
θja = 520°C/W, and 690°C/W each other.
Electrical Characteristics
(VDD = 3.0 V, Ta = 25°C)
Items
Symbol
Min
Typ
Max
Unit
Test Condition
Input offset voltage
VIO
4.0
mV
Vin = 1.5 V
Input offset current
IIO
(1.0)
pA
Vin = 1.5 V
Input bias current
IIB
(1.0)
pA
Vin = 1.5 V
Output high voltage
VOH
2.9
V
RL = 100 kΩ
100
200
VOH = 2.5 V (HA1630D04)
200
400
VOH = 2.5 V (HA1630D05)
Output source current
IO SOURCE
400
800
μA
VOH = 2.5 V (HA1630D06)
Output low voltage
VOL
0.1
V
RL = 100 kΩ
(5.0)
VOL = 0.5 V (HA1630D04)
(6.0)
VOL = 0.5 V (HA1630D05)
Output sink current
IO SINK
(6.5)
mA
VOL = 0.5 V (HA1630D06)
–0.05 to 2.1
(HA1630D04, HA1630D05)
Common mode input voltage
range
VCM
0 to 1.9
V
(HA1630D06)
(2.0)
CL = 20 pF (HA1630D04)
(4.0)
CL = 20 pF (HA1630D05)
Slew rate
SR
(8.0)
V/
μs
CL = 20 pF (HA1630D06)
Voltage gain
AV
60
90
dB
(2100)
CL = 20 pF (HA1630D04)
(3300)
CL = 20 pF (HA1630D05)
Gain bandwidth product
BW
(3600)
kHz
CL = 20 pF (HA1630D06)
Power supply rejection ratio
PSRR
50
70
dB
Common mode rejection ratio
CMRR
50
70
dB
400
800
RL = ∞ (HA1630D04)
800
1600
RL = ∞ (HA1630D05)
Supply current
IDD
1600
3400
μA
RL = ∞ (HA1630D06)
Notes: 1. In the case of continuous current flow, use a sink current of under 4 mA.
2. ( ) : Design specification


Similar Part No. - HA1630D06MM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D01 RENESAS-HA1630D01 Datasheet
452Kb / 26P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01MM RENESAS-HA1630D01MM Datasheet
452Kb / 26P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01T RENESAS-HA1630D01T Datasheet
452Kb / 26P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01 RENESAS-HA1630D01_15 Datasheet
481Kb / 28P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D02 RENESAS-HA1630D02 Datasheet
452Kb / 26P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
More results

Similar Description - HA1630D06MM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D04 RENESAS-HA1630D04_15 Datasheet
502Kb / 26P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01 RENESAS-HA1630D01_15 Datasheet
481Kb / 28P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630D01 RENESAS-HA1630D01 Datasheet
452Kb / 26P
   Ultra-Small Low Voltage Operation CMOS Dual Operational Amplifier
HA1630S01 RENESAS-HA1630S01 Datasheet
545Kb / 24P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S010203 RENESAS-HA1630S010203_15 Datasheet
595Kb / 25P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S04 RENESAS-HA1630S04 Datasheet
476Kb / 24P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630S040506 RENESAS-HA1630S040506_15 Datasheet
525Kb / 25P
   Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
HA1630Q01 RENESAS-HA1630Q01_15 Datasheet
491Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
HA1630Q04 RENESAS-HA1630Q04_15 Datasheet
486Kb / 26P
   Low Voltage Operation CMOS Quad Operational Amplifier
HA1630Q04 RENESAS-HA1630Q04 Datasheet
458Kb / 24P
   Low Voltage Operation CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com