Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1575J-12-QML Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1575J-12-QML
Description  SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1575J-12-QML Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1575J-12-QML Datasheet HTML 2Page - National Semiconductor (TI) LM1575J-12-QML Datasheet HTML 3Page - National Semiconductor (TI) LM1575J-12-QML Datasheet HTML 4Page - National Semiconductor (TI) LM1575J-12-QML Datasheet HTML 5Page - National Semiconductor (TI) LM1575J-12-QML Datasheet HTML 6Page - National Semiconductor (TI) LM1575J-12-QML Datasheet HTML 7Page - National Semiconductor (TI) LM1575J-12-QML Datasheet HTML 8Page - National Semiconductor (TI) LM1575J-12-QML Datasheet HTML 9Page - National Semiconductor (TI) LM1575J-12-QML Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MNLM1575-12-X REV 0D1
MICROCIRCUIT DATA SHEET
Electrical Characteristics
ELECTRICAL CHARACTERISTICS: ON/OFF CONTROL
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
Vin = 25V, and Iload = 200mA.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vih
ON/OFF Pin Logic
Input Level
Vout = 0V
2.2
V
1
Vih
ON/OFF Pin Logic
Input Level
Vout = 0V
2.4
V
2, 3
Vil
ON/OFF Pin Logic
Input Level
Vout = 12V
1.0
V
1
Vil
ON/OFF Pin Logic
Input Level
Vout = 12V
0.8
V
2, 3
Iih
ON/OFF Pin Input
Current
ON/OFF Pin = 5V (OFF)
30
uA
1
Iil
ON/OFF Pin Input
Current
ON/OFF Pin = 0V (ON)
10
uA
1
Note 1:
External components such as the catch diode, inductor, input and output capacitors
can affect switching regulator system performance.
Note 2:
Output sourcing current. No diode, inductor or capacitor connected to output.
Note 3:
Feedback removed from output and connected to 0V.
Note 4:
Feedback removed from output and connected to 25V to force the output transistor OFF.
6


Similar Part No. - LM1575J-12-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575J-12-QML NSC-LM1575J-12-QML Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM1575J-12-QML NSC-LM1575J-12-QML Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM1575J-12-QML TI1-LM1575J-12-QML Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Similar Description - LM1575J-12-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com