Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FST3257Q Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FST3257Q
Description  QUAD 2:1 MUX/DEMUX BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST3257Q Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FST3257Q Datasheet HTML 1Page - Integrated Device Technology IDT74FST3257Q Datasheet HTML 2Page - Integrated Device Technology IDT74FST3257Q Datasheet HTML 3Page - Integrated Device Technology IDT74FST3257Q Datasheet HTML 4Page - Integrated Device Technology IDT74FST3257Q Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
10.3
3
IDT54/74FST3257
QUAD 2:1 MUX/DEMUX BUS SWITCH
COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = –40
°C to +85°C, VCC = 5.0V ±5%
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fiN)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fi = Input Frequency
N = Number of Switches Toggling at fi
All currents are in milliamps and all frequencies are in megahertz.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = 3.4V(3)
0.5
1.5
mA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
VIN = VCC
VIN = GND
—30
40
µA/
MHz/
Enable Pin Toggling
50% Duty Cycle
Switch
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
Enable Pin Toggling
VIN = VCC
VIN = GND
1.2
1.6
mA
(4 Switches Toggling)
fi = 10MHz
50% Duty Cycle
VIN = 3.4
VIN = GND
1.5
2.4
3257 tbl 06
Symbol
Description
Condition(1)
Min.(2)
Typ.
Max.
Unit
tPLH
tPHL
Data Propagation Delay
I to Z, Z to I(3,4)
CL = 50pF
RL = 500
0.25
ns
tPLH
tPHL
Switch Multiplex Delay
S to I, Z
1.5
5.2
ns
tPZH
tPZL
Switch Turn on Delay
E to I, Z
1.5
4.8
ns
tPHZ
tPLZ
Switch Turn off Delay
E to I, Z(3)
1.5
5.0
ns
|QCI|
Charge Injection, Typical(5,6)
1.5
pC
|QCDI|
Charge Injection, Typical(6,7)
0.5
pC
NOTES:
1. See test circuit and waveforms.
2.
Minimum limits guaranteed but not tested.
3. This parameter is guaranteed by design but not tested.
4. The bus switch contributes no propagation delay other than the RC delay of the on resistance of the switch and the load capacitance. The time constant
for the switch alone is of the order of 0.25 ns for 50 pF load. Since this time is constant and much smaller than the rise/fall times of typical driving signals,
it adds very little propagation delay to the system. Propagation delay of the bus switch when used in a system is determined by the driving circuit on the
driving side of the switch and its interaction with the load on the driven side.
5. Measured at switch turn off, load = 50 pF in parallel with 10 m
Ω scope probe, VIN = 0.0 volts.
6. Measured at switch turn off through bus multiplexer, (e.g.- I0 to Z = > I1 to Z), load = 50 pF in parallel with 10 M
Ω scope probe, VIN at A = 0.0 volts. Charge
injection is reduced because the injection from the turn off of the I0 to Z switch is compensated by the turn on of the I1 to Z switch.
7. Characterized parameter. Not 100% tested.
3257 tbl 07


Similar Part No. - IDT74FST3257Q

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
IDT74FST3125Q IDT-IDT74FST3125Q Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
IDT74FST3125SQ IDT-IDT74FST3125SQ Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
More results

Similar Description - IDT74FST3257Q

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com