Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30SS Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC30SS
Description  INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30SS Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC30SS_04 Datasheet HTML 1Page - International Rectifier IRG4BC30SS_04 Datasheet HTML 2Page - International Rectifier IRG4BC30SS_04 Datasheet HTML 3Page - International Rectifier IRG4BC30SS_04 Datasheet HTML 4Page - International Rectifier IRG4BC30SS_04 Datasheet HTML 5Page - International Rectifier IRG4BC30SS_04 Datasheet HTML 6Page - International Rectifier IRG4BC30SS_04 Datasheet HTML 7Page - International Rectifier IRG4BC30SS_04 Datasheet HTML 8Page - International Rectifier IRG4BC30SS_04 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
34
IC @ TC = 100°C
Continuous Collector Current
18
A
ICM
Pulsed Collector Current

68
ILM
Clamped Inductive Load Current
‚
68
VGE
Gate-to-Emitter Voltage
±20
V
EARV
Reverse Voltage Avalanche Energy
ƒ
10
mJ
PD @ TC = 25°C
Maximum Power Dissipation
100
PD @ TC = 100°C
Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm) from case )
IRG4BC30S-SPbF
Standard Speed IGBT
INSULATED GATE BIPOLAR TRANSISTOR
E
C
G
n-channel
Features
• Standard: optimized for minimum saturation
voltage and low operating frequencies (< 1kHz)
• Generation 4 IGBT design provides tight
parameter distribution and high efficiency
• Lead-Free
• Generation 4 IGBTs offer highest efficiency available
• IGBTs optimized for specified application conditions
Benefits
VCES = 600V
VCE(on) typ. = 1.4V
@VGE = 15V, IC = 18A
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.2
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
40
Wt
Weight
1.44
–––
g (oz)
Thermal Resistance
Absolute Maximum Ratings
W
8/30/04
www.irf.com
1
D2Pak
PD - 95786


Similar Part No. - IRG4BC30SS_04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30SS IRF-IRG4BC30SS Datasheet
152Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
More results

Similar Description - IRG4BC30SS_04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30SS IRF-IRG4BC30SS Datasheet
152Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC30S IRF-IRG4BC30S Datasheet
161Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4PC30S IRF-IRG4PC30S Datasheet
120Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC20S IRF-IRG4BC20S Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=10A)
IRG4BC10S IRF-IRG4BC10S Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A)
IRG4BC40S IRF-IRG4BC40S Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com