Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12864-12-GR-R-ST-ELP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 12864-12-GR-R-ST-ELP
Description  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-GR-R-ST-ELP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 12864-12-GR-R-ST-ELP Datasheet HTML 5Page - List of Unclassifed Manufacturers 12864-12-GR-R-ST-ELP Datasheet HTML 6Page - List of Unclassifed Manufacturers 12864-12-GR-R-ST-ELP Datasheet HTML 7Page - List of Unclassifed Manufacturers 12864-12-GR-R-ST-ELP Datasheet HTML 8Page - List of Unclassifed Manufacturers 12864-12-GR-R-ST-ELP Datasheet HTML 9Page - List of Unclassifed Manufacturers 12864-12-GR-R-ST-ELP Datasheet HTML 10Page - List of Unclassifed Manufacturers 12864-12-GR-R-ST-ELP Datasheet HTML 11Page - List of Unclassifed Manufacturers 12864-12-GR-R-ST-ELP Datasheet HTML 12Page - List of Unclassifed Manufacturers 12864-12-GR-R-ST-ELP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 12864-12
PACIFIC DISPLAY DEVICES
07.21.2006
9
2.3 Optical Characteristics (VOP = 4.7V, Ta = 25°C )
Item
Symbol
Condition
Min
Typ
Max
Unit
Contrast ratio
Cr
θ=0°
φ=0°
---
3.0
---
---
Frame Frequency
fFRM
---
32
64
150
Hz
θ1
-30
---
30
deg
Viewing angle range
θ2
25
°C
30
---
-30
deg
Ton
186
ms
Response time
Toff
25
°C
91
ms
Definition of angles
∅ and θ:


Similar Part No. - 12864-12-GR-R-ST-ELP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12864 ETC2-12864 Datasheet
290Kb / 7P
   LCD MODULE BRIEF INTRODUCTION USERS GUIDE
logo
Heyco.
12864 HEYCO-12864 Datasheet
91Kb / 1P
   Stainless Steel Cable Ties
12864 HEYCO-12864 Datasheet
88Kb / 1P
   Stainless Steel Cable Ties
12864 HEYCO-12864 Datasheet
89Kb / 1P
   Stainless Steel Cable Ties
logo
List of Unclassifed Man...
12864A ETC-12864A Datasheet
97Kb / 1P
   128 X 64 DOTS
More results

Similar Description - 12864-12-GR-R-ST-ELP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
240128-06 ETC2-240128-06 Datasheet
496Kb / 32P
   240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
19264-05 ETC-19264-05 Datasheet
517Kb / 18P
   192 x 64 Dot Graphic LCD Assembly With KS0107 / KS108 Graphics Controller LED Backlight
06.27.2003
16080-00 ETC2-16080-00 Datasheet
550Kb / 21P
   160 x 80 Dot Graphic LCD Assembly With LC7981 Sanyo Graphic LCD Controller EL Panel / LED Backlight Options
DG-12864 ETC-DG-12864 Datasheet
121Kb / 1P
   128 X 64 DOTS 1/64 DUTY STN REFLECTIVE / EL/ LED BACKLIGHT
logo
Powertip Technology
PG12864LRS-JNN-B POWERTIP-PG12864LRS-JNN-B Datasheet
189Kb / 14P
   LCD Module(128 dots X 64 dots, STN LCD, LED Backlight)
logo
Hantronix,Inc
HDG12864L-4 HANTRONIX-HDG12864L-4_15 Datasheet
48Kb / 1P
   128 X 64 Dots Graphic with LED Backlight
HDG12864L-7-X11S HANTRONIX-HDG12864L-7-X11S Datasheet
51Kb / 2P
   128 X 64 Dots Graphic with LED Backlight
HDG12864L-7 HANTRONIX-HDG12864L-7_15 Datasheet
46Kb / 1P
   128 X 64 Dots Graphic with LED Backlight
HDG12864L-6 HANTRONIX-HDG12864L-6_15 Datasheet
129Kb / 1P
   128 X 64 Dots Graphic, LED Backlight
logo
Vishay Siliconix
LCD-128H064E VISHAY-LCD-128H064E_V02 Datasheet
71Kb / 3P
   128 x 64 Graphic LCD
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com