Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3502 Datasheet(PDF) 1 Page - International Rectifier

Part # IRL3502
Description  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3502 Datasheet(HTML) 1 Page - International Rectifier

  IRL3502_03 Datasheet HTML 1Page - International Rectifier IRL3502_03 Datasheet HTML 2Page - International Rectifier IRL3502_03 Datasheet HTML 3Page - International Rectifier IRL3502_03 Datasheet HTML 4Page - International Rectifier IRL3502_03 Datasheet HTML 5Page - International Rectifier IRL3502_03 Datasheet HTML 6Page - International Rectifier IRL3502_03 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 5.0V
110…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 5.0V
67
A
IDM
Pulsed Drain Current 
420
PD @TC = 25°C
Power Dissipation
140
W
Linear Derating Factor
1.1
W/°C
VGS
Gate-to-Source Voltage
± 10
V
VGSM
Gate-to-Source Voltage
14
V
(Start Up Transient, tp = 100µs)
EAS
Single Pulse Avalanche Energy‚
390
mJ
IAR
Avalanche Current
64
A
EAR
Repetitive Avalanche Energy
14
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew10 lbf•in (1.1N•m)
12/9/03
IRL3502PbF
HEXFET® Power MOSFET
PD - 94879
These HEXFET Power MOSFETs were designed
specifically to meet the demands of CPU core DC-DC
converters in the PC environment. Advanced
processing techniques combined with an optimized
gate oxide design results in a die sized specifically to
offer maximum efficiency at minimum cost.
The TO-220 package is universally preferred for all
commercial-industrialapplicationsatpowerdissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220
contribute to its wide acceptance throughout the
industry.
S
D
G
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.89
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = 20V
RDS(on) = 0.007Ω
ID = 110A…
TO-220AB
Description
l
Advanced Process Technology
l
Optimized for 4.5V-7.0V Gate Drive
l
Ideal for CPU Core DC-DC Converters
l
Fast Switching
l
Lead-Free


Similar Part No. - IRL3502_03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3502S IRF-IRL3502S Datasheet
130Kb / 8P
   HEXFET Power MOSFET
IRL3502SPBF IRF-IRL3502SPBF Datasheet
243Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRL3502_03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com