Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9819T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9819T
Description  Multistandard vision and sound-IF PLL with DVB-IF processing
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9819T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9819T Datasheet HTML 5Page - NXP Semiconductors TDA9819T Datasheet HTML 6Page - NXP Semiconductors TDA9819T Datasheet HTML 7Page - NXP Semiconductors TDA9819T Datasheet HTML 8Page - NXP Semiconductors TDA9819T Datasheet HTML 9Page - NXP Semiconductors TDA9819T Datasheet HTML 10Page - NXP Semiconductors TDA9819T Datasheet HTML 11Page - NXP Semiconductors TDA9819T Datasheet HTML 12Page - NXP Semiconductors TDA9819T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
1998 Jul 14
9
Philips Semiconductors
Product specification
Multistandard vision and sound-IF PLL with
DVB-IF processing
TDA9819
CHARACTERISTICS
VP =5V; Tamb =25 °C; see Table 1 for input frequencies and level; input level Vi IF1-2, 4-5 = 10 mV RMS value
(sync-level for M and B/G, peak white level for L); video modulation DSB; residual carrier M and B/G: 10%; L = 3%;
video signal in accordance with “
CCIR, line 17”; measurements taken in Fig.12; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 29)
VP
supply voltage
note 1
4.5
5.0
5.5
V
IP
supply current
M, B/G and L standard
89
105
121
mA
DVB
81
96
111
mA
Vision IF amplifier (pins 1, 2, 4 and 5)
Vi VIF(rms)
input signal voltage sensitivity
(RMS value)
M, B/G and L standard;
−1 dB video at output
60
90
µV
Vi max(rms)
maximum input signal voltage
(RMS value)
M, B/G and L standard;
+1 dB video at output
140
200
mV
∆V
o(int)
internal IF amplitude difference
between picture and sound
carrier
within AGC range;
∆f=5MHz
0.7
1
dB
GIF
IF gain control range
see Fig.3
65
70
dB
Ri(diff)
differential input resistance
note 2; input activated
1.7
2.2
2.7
k
Ci(diff)
differential input capacitance
note 2; input activated
1.2
1.7
2.5
pF
V1, 2, 4, 5
DC input voltage
note 2; input activated
3.3
V
Ri
input resistance to ground
note 2; input not activated
1.1
k
V1, 2, 4, 5
DC input voltage
note 2; input not activated
0.2
V
αiIF
crosstalk attenuation of IF input
switch at pins 1, 2, 4 and 5
notes 2 and 3
55
60
dB
True synchronous video demodulator; note 4
fVCO(max)
maximum oscillator frequency for
carrier regeneration
f=2fPC
125
130
MHz
oscillator drift as a function of
temperature
free-running oscillator;
IAFC = 0; note 5
−−
±20
ppm/K
V0 ref(rms)
oscillator voltage swing between
pins 24 and 25 (RMS value)
60
mV
fPC CR
vision carrier capture range
M standard
±1.0
±1.25
MHz
B/G and L standard
±1.35
±1.6
MHz
∆f
PC(fr)
vision carrier frequency accuracy
(free-running)
M standard
−±150
±300
kHz
B/G and L standard
−±200
±400
kHz
∆f
PC(alg)
frequency alignment range
IAFC = 0; M standard
±300
±400
kHz
IAFC = 0; B/G and
L standard
±400
±600
kHz
tacq
acquisition time
BL = 70 kHz; note 6
−−
30
ms
Vi VIF(rms)
VIF input signal voltage
sensitivity for PLL to be locked
(RMS value; pins 1, 2, 4 and 5)
maximum IF gain; note 7
60
90
µV
f
osc
T
-------------


Similar Part No. - TDA9819T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

Similar Description - TDA9819T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
logo
TEMIC Semiconductors
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
TEMIC Semiconductors
U4479B TEMIC-U4479B Datasheet
257Kb / 11P
   DVB-Cable IF Converter and Full Multi-Standard Video-/Sound IF Processing
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com