Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9829T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9829T
Description  Downconverter for DVB
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9829T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9829T Datasheet HTML 4Page - NXP Semiconductors TDA9829T Datasheet HTML 5Page - NXP Semiconductors TDA9829T Datasheet HTML 6Page - NXP Semiconductors TDA9829T Datasheet HTML 7Page - NXP Semiconductors TDA9829T Datasheet HTML 8Page - NXP Semiconductors TDA9829T Datasheet HTML 9Page - NXP Semiconductors TDA9829T Datasheet HTML 10Page - NXP Semiconductors TDA9829T Datasheet HTML 11Page - NXP Semiconductors TDA9829T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Nov 09
8
Philips Semiconductors
Product specification
Downconverter for DVB
TDA9829T
Notes
1. Performance may be decreased at VP = 4.5 V.
2. This parameter is not tested during production and is only given as application information for designing the television
receiver.
3. Mute state also can be achieved by leaving pin 20 open-circuit.
4. Resonance circuit of VCO: Q0 > 50; Cext, Cint and L see Table 2.
5. Temperature coefficient of external LC-circuit is equal to zero.
6. Response speed valid for an IF input level range of 200
µVupto70mV.
7. To match the AFC output signal to different tuning systems a current source output is provided. The test circuit is
given in Fig.4. The AFC steepness can be changed by the resistors at pin 14.
8. Depending on the ratio
∆C/C0 of the LC resonant circuit of VCO (Q0 > 50; C0 =Cint +Cext; see Table 2).
Table 1
Input frequencies, symbol frequencies and VCO frequencies
∆G
IF
IF slip by automatic gain control
tuner gain current from
20 to 80%
68dB
AFC circuit (pin 14); see notes 7 and 8 and Fig.4
CRstps(US)
control steepness
∆I14/∆fIF for
USA
fIF = 43.75 MHz
0.7
0.98
1.3
µA/kHz
CRstps(EU)
control steepness
∆I14/∆fIF for
Europe
fIF = 36.15 MHz
0.45
0.70
0.95
µA/kHz
DVB output signal (IF input to DVB output)
Vo(p-p)
output voltage (pin 11)
(peak-to-peak value)
CL < 15 pF; RL >5kΩ; with
internal AGC
1.8
2.1
2.4
V
VO(DC)
DC output voltage
2.5
V
B−1dB
−1 dB bandwidth
CL < 15 pF; RL >5kΩ
11
12
MHz
B−3dB
−3 dB bandwidth
17
MHz
αC(DVB)
fundamental input signal and
IF harmonics
35
40
dB
α
H
suppression of in-band
harmonics
Vo = 2.0 V (p-p)
30
35
dB
PSRR
power supply ripple rejection at
pin 11
see Fig.5
26
36
dB
SYMBOL
DESCRIPTION
DVB (Europe)
DVB (USA)
UNIT
fs
Symbol frequency
6.9
5.0
MHz
fIF
IF frequency
36.15
43.75
MHz
fVCO
VCO frequency
86.0
97.5
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA9829T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9820T PHILIPS-TDA9820T Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TDA9821 PHILIPS-TDA9821 Datasheet
121Kb / 16P
   Dual channel TV FM intercarrier sound demodulator
1996 Nov 20
More results

Similar Description - TDA9829T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
   TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
Sanyo Semicon Device
LA7784 SANYO-LA7784 Datasheet
167Kb / 7P
   Downconverter IC for Digital CATV
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
logo
ON Semiconductor
LA7784 ONSEMI-LA7784 Datasheet
150Kb / 7P
   Downconverter IC for Digital CATV
July, 2013
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
TEMIC Semiconductors
U4476B TEMIC-U4476B Datasheet
187Kb / 7P
   IF Amplifier / Converter for DVB (Cable)
U4459B TEMIC-U4459B Datasheet
108Kb / 7P
   IF Amplifier for Cable DVB Processing
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com