Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMBT9012 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GMBT9012
Description  PNP EPITAXIAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GMBT9012 Datasheet(HTML) 1 Page - GTM CORPORATION

  GMBT9012 Datasheet HTML 1Page - GTM CORPORATION GMBT9012 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G M
M B
B T
T 99001122
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A LL T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMBT9012 is designed for use in 1W output amplifier of portable radios in class B push-pull operation.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-20
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA , IE=0
BVCEO
-20
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-100uA, IC=0
ICBO
-
-
-100
nA
VCE=-25V, IE=0
IEBO
-
-
-100
nA
VEB=-3V, IC=0
VCE(sat)
-
-
-0.6
V
IC=-500mA, IB=-50mA
VBE(sat)
-
-
-1.2
V
IC=-500mA, IB=-50mA
VBE(on)
-
-
-0.9
V
VCE=-1V, IC=-10mA
hFE1
112
180-
300
VCE=-1V, IC=-50mA
hFE2
40
-
-
VCE=-1V, IC=-500mA
fT
100
-
-
MHz
VCE=-1V, IC=-10mA, f=100MHz
Cob
-
-
8
pF
VCB=-10V, f=1MHz
Classification Of HFE1
Rank
G
H
L
hFE
112 - 166
144 - 202
176 - 300


Similar Part No. - GMBT9012

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBT9012 ETL-GMBT9012 Datasheet
223Kb / 2P
   P N P E P I T A X I A L T R A N S I S T O R
More results

Similar Description - GMBT9012

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ8550 GTM-GJ8550 Datasheet
129Kb / 2P
   PNP EPITAXIAL TRANSISTOR
GBC327 GTM-GBC327 Datasheet
189Kb / 3P
   PNP EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
TIP127 UTC-TIP127_09 Datasheet
217Kb / 4P
   PNP EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
   PNP EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
   PNP Epitaxial Transistor
2SB772ZPT CHENMKO-2SB772ZPT Datasheet
141Kb / 4P
   PNP Epitaxial Transistor
2SB1386PPT CHENMKO-2SB1386PPT Datasheet
389Kb / 3P
   PNP Epitaxial Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
   PNP Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
   PNP Epitaxial Transistor
logo
Unisonic Technologies
TIP107 UTC-TIP107_09 Datasheet
168Kb / 4P
   PNP EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com