Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9932EUA+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9932EUA+T
Description  2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9932EUA+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9932EUA+T Datasheet HTML 2Page - Maxim Integrated Products MAX9932EUA+T Datasheet HTML 3Page - Maxim Integrated Products MAX9932EUA+T Datasheet HTML 4Page - Maxim Integrated Products MAX9932EUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX9932EUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9932EUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9932EUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9932EUA+T Datasheet HTML 9Page - Maxim Integrated Products MAX9932EUA+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2MHz to 1.6GHz 45dB RF-Detecting
Controllers and RF Detector
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 3V, SHDN = VCC, TA = +25°C, all log conformance plots are normalized to their respective temperatures, TA = +25°C, unless
otherwise noted.)
MAX9931
LOG SLOPE vs. VCC
VCC (V)
5.0
4.5
4.0
3.5
3.0
23
24
25
26
27
28
29
22
2.5
5.5
2MHz
50MHz
900MHz
1.6GHz
MAX9931
LOG INTERCEPT vs. FREQUENCY
FREQUENCY (MHz)
1200
800
400
-52
-50
-48
-46
-54
0
1600
TA = -40
°C
TA = +25
°C
TA = +85
°C
MAX9931
LOG INTERCEPT vs. VCC
VCC (V)
5.0
4.5
4.0
3.5
3.0
-60
-58
-56
-54
-52
-50
-48
-62
2.5
5.5
2MHz
50MHz
900MHz
1.6GHz
MAX9931
LOG CONFORMANCE vs. TEMPERATURE
TEMPERATURE (
°C)
75
50
25
0
-25
-0.3
-0.2
-0.1
0
0.1
0.2
-0.4
-50
100
INPUT POWER = -12dBm
fRF = 50MHz
MAX9932
SET vs. INPUT POWER
INPUT POWER (dBm)
20
10
-30
-20
-10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-40
1.6GHz
2MHz
50MHz
900MHz
MAX9932
LOG CONFORMANCE vs. INPUT POWER
INPUT POWER (dBm)
10
0
-30
-20
-10
-3
-2
-1
0
1
2
3
4
-4
-40
20
1.6GHz
900MHz
2MHz
50MHz
MAX9932
SET AND LOG CONFORMANCE
vs. INPUT POWER AT 2MHz
MAX9930 toc25
INPUT POWER (dBm)
20
10
-40
-30
-20
-10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
TA = -40
°C
TA = +25
°C
TA = +85
°C
-3
-2
-1
0
1
2
3
4
-4
MAX9932
SET AND LOG CONFORMANCE
vs. INPUT POWER AT 50MHz
MAX9930 toc26
INPUT POWER (dBm)
20
10
-30
-20
-10
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-40
TA = -40
°C
TA = +25
°C
TA = +85
°C
MAX9932
SET AND LOG CONFORMANCE
vs. INPUT POWER AT 900MHz
MAX9930 toc27
INPUT POWER (dBm)
10
0
-30
-20
-10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-40
20
-3
-2
-1
0
1
2
3
4
-4
TA = -40
°C
TA = +25
°C
TA = +85
°C


Similar Part No. - MAX9932EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9932EUA+T MAXIM-MAX9932EUA+T Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9932EUA+T MAXIM-MAX9932EUA+T Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results

Similar Description - MAX9932EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com