Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9933EUA+T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9933EUA+T
Description  2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9933EUA+T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9933EUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 9Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 10Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 11Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 12Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2MHz to 1.6GHz 45dB RF-Detecting
Controllers and RF Detector
_______________________________________________________________________________________
9
SHDN POWER-ON DELAY
RESPONSE TIME
MAX9930 toc46
2
µs/div
OUT
1V/div
0V
0V
SHDN
500mV/div
CCLPF = 150pF
SHDN RESPONSE TIME
MAX9930 toc47
2
µs/div
OUT
500mV/div
0V
0V
SHDN
1V/div
CLPF = 150pF
MAIN OUTPUT NOISE-SPECTRAL DENSITY
FREQUENCY (Hz)
1k
10k
100k
1M
1000
10,000
100
100
10M
MAX9933
CLPF = 220pF
MAXIMUM OUT VOLTAGE
vs. VCC BY LOAD CURRENT
VCC (V)
5.0
4.5
4.0
3.5
3.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
2.0
2.5
5.5
0mA
5mA
10mA
LARGE-SIGNAL
PULSE RESPONSE
MAX9930 toc50
10
µs/div
OUT
500mV/div
RFIN
250mV/div
≤ 900mV
CCLPF = 10,000pF
fRF = 50MHz
-2dBm
-42dBm
Typical Operating Characteristics (continued)
(VCC = 3V, SHDN = VCC, TA = +25°C, all log conformance plots are normalized to their respective temperatures, TA = +25°C, unless
otherwise noted.)
Pin Description
PIN
MAX9930/
MAX9931/
MAX9932
MAX9933
NAME
FUNCTION
1
1
RFIN
RF Input
22
SHDN
Shutdown. Connect to VCC for normal operation.
3
SET
Set-Point Input
4
4
CLPF
Lowpass Filter Connection. Connect external capacitor between CLPF and GND to set
control-loop bandwidth.
5
3, 5
GND
Ground
6
6
N.C.
No Connection. Not internally connected.
7
7
OUT
PA Gain-Control Output
88
VCC
Supply Voltage. Bypass to GND with a 0.1µF capacitor.
SMALL-SIGNAL
PULSE RESPONSE
MAX9930 toc51
1
µs/div
OUT
75mV/div
RFIN
25mV/div
≤ 0V
CCLPF = 150pF
fRF = 50MHz
-24dBm
-18dBm


Similar Part No. - MAX9933EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9933EUA+T MAXIM-MAX9933EUA+T Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9933EUA+T MAXIM-MAX9933EUA+T Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results

Similar Description - MAX9933EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com