Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9933EUA+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9933EUA+T
Description  2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9933EUA+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9933EUA+T Datasheet HTML 1Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 2Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 3Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 4Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 5Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 6Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 7Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 8Page - Maxim Integrated Products MAX9933EUA+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2MHz to 1.6GHz 45dB RF-Detecting
Controllers and RF Detector
_______________________________________________________________________________________
5
MAX9930
LOG INTERCEPT vs. VCC
VCC (V)
5.0
4.5
4.0
3.5
3.0
-69
-67
-65
-63
-61
-59
-57
-71
2.5
5.5
2MHz
50MHz
900MHz
1.6GHz
MAX9930
LOG CONFORMANCE vs. TEMPERATURE
TEMPERATURE (
°C)
75
50
25
0
-25
-0.5
-0.4
-0.3
-0.2
-0.1
0
-0.6
-50
100
INPUT POWER = -22dBm
fRF = 50MHz
MAX9931
SET vs. INPUT POWER
INPUT POWER (dBm)
10
0
-40
-30
-20
-10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-50
20
1.6GHz
900MHz
2MHz
50MHz
MAX9931
LOG CONFORMANCE vs. INPUT POWER
INPUT POWER (dBm)
10
0
-40
-30
-20
-10
-3
-2
-1
0
1
2
3
4
-4
-50
20
1.6GHz
900MHz
2MHz
50MHz
MAX9931
SET AND LOG CONFORMANCE
vs. INPUT POWER AT 2MHz
MAX9930 toc14
INPUT POWER (dBm)
10
0
-40
-30
-20
-10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-50
20
TA = -40
°C
TA = +25
°C
TA = +85
°C
MAX9931
SET AND LOG CONFORMANCE
vs. INPUT POWER AT 50MHz
MAX9930 toc15
INPUT POWER (dBm)
10
0
-40
-30
-20
-10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-50
20
TA = -40
°C
TA = +25
°C
TA = +85
°C
MAX9931
SET AND LOG CONFORMANCE
vs. INPUT POWER AT 900MHz
MAX9930 toc16
INPUT POWER (dBm)
10
0
-40
-30
-20
-10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-50
20
TA = -40
°C
TA = +25
°C
TA = +85
°C
MAX9931
SET AND LOG CONFORMANCE
vs. INPUT POWER AT 1.6GHz
MAX9930 toc17
INPUT POWER (dBm)
10
0
-40
-30
-20
-10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.2
-3
-2
-1
0
1
2
3
4
-4
-50
20
TA = -40
°C
TA = +25
°C
TA = +85
°C
MAX9931
LOG SLOPE vs. FREQUENCY
FREQUENCY (MHz)
1500
1200
900
600
300
24
25
26
27
28
29
23
0
1800
TA = -40
°C
TA = +25
°C
TA = +85
°C
Typical Operating Characteristics (continued)
(VCC = 3V, SHDN = VCC, TA = +25°C, all log conformance plots are normalized to their respective temperatures, TA = +25°C, unless
otherwise noted.)


Similar Part No. - MAX9933EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9933EUA+T MAXIM-MAX9933EUA+T Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9933EUA+T MAXIM-MAX9933EUA+T Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
More results

Similar Description - MAX9933EUA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX4000 MAXIM-MAX4000 Datasheet
670Kb / 18P
   2.5GHz 45dB RF-Detecting Controllers
Rev 1; 7/02
MAX4003 MAXIM-MAX4003 Datasheet
415Kb / 12P
   100MHz to 2500MHz, 45dB RF Detector in a UCSP
Rev 1; 3/03
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com