Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9775 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9775
Description  2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9775 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9775 Datasheet HTML 1Page - Maxim Integrated Products MAX9775 Datasheet HTML 2Page - Maxim Integrated Products MAX9775 Datasheet HTML 3Page - Maxim Integrated Products MAX9775 Datasheet HTML 4Page - Maxim Integrated Products MAX9775 Datasheet HTML 5Page - Maxim Integrated Products MAX9775 Datasheet HTML 6Page - Maxim Integrated Products MAX9775 Datasheet HTML 7Page - Maxim Integrated Products MAX9775 Datasheet HTML 8Page - Maxim Integrated Products MAX9775 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
2 x 1.5W, Stereo Class D Audio Subsystem
with DirectDrive Headphone Amplifier
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPEAKER AMPLIFIERS
TA = +25°C
±5.5
±23.5
Output Offset Voltage
VOS
TMIN
≤ TA ≤ TMAX
±40
mV
Into shutdown
-62
Out of shutdown
-60
Into mute
-63
Click-and-Pop Level
KCP
Peak voltage,
TA = +25°C,
A-weighted, 32
samples per second
(Notes 2, 3)
Out of mute
-62
dB
VDD = 2.7V to 5.5V
48
70
f = 217Hz,
100mVP-P ripple
68
f = 1kHz,
100mVP-P ripple
60
Power-Supply Rejection Ratio
(Note 3)
PSRR
TA = +25°C
f = 20kHz,
100mVP-P ripple
50
dB
RL = 4
Ω, VDD = 5V
1500
RL = 8
Ω, VDD = 3.3V
450
Output Power (Note 4)
POUT
THD+N = 1%,
TA = +25°C
RL = 8
Ω, VDD = 5V
1115
mW
Current Limit
1.6
A
RL = 8
Ω,
POUT = 125mW
0.03
Total Harmonic Distortion Plus
Noise (Note 4)
THD+N
f = 1kHz
RL = 4
Ω,
POUT = 250mW
0.04
%
BW = 20Hz to 20kHz
81
Signal-to-Noise Ratio
SNR
VOUT = 1.8VRMS,
RL = 8
Ω, 3D not
active (Note 3)
A-weighted
84
dB
Fixed-frequency modulation
1100
Output Frequency
fOSC
Spread-spectrum modulation
1100 ±30
kHz
Efficiency
η
POUT = 470mW, f = 1kHz both channels
driven, L = 68µH in series with 8
Ω load
79
%
Gain
AV
12
dB
Channel-to-Channel Gain
Tracking (Note 5)
TA = +25°C
±1
%
3D Sound Resistors (Note 5)
R3D
Used with 22nF and 2.2nF external
capacitors
57
9
k
Crosstalk (Notes 4, 5)
L to R, R to L, f = 10kHz, RL = 8
Ω,
VOUT = 300mVRMS
73
dB
ELECTRICAL CHARACTERISTICS (continued)
(VDD = PVDD = CPVDD = 3.3V, GND = PGND = CPGND = 0V, SHDN = VDD, I2C settings (INA gain = +20dB, INB gain = INC gain =
0dB, volume setting = 0dB, mono path gain = 0dB, SHDN = 1, SSM = 1). Speaker load resistors (RLSP) are terminated between
OUT_+ and OUT_-, headphone load resistors are terminated to GND, unless otherwise noted. C1 = C2 = C3 = 1µF. TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX9775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9775EBX+T MAXIM-MAX9775EBX+T Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
More results

Similar Description - MAX9775

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9796 MAXIM-MAX9796_V01 Datasheet
427Kb / 28P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
MAX9796 MAXIM-MAX9796 Datasheet
358Kb / 27P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com