Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16821B Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16821B
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821B Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16821B Datasheet HTML 2Page - Maxim Integrated Products MAX16821B Datasheet HTML 3Page - Maxim Integrated Products MAX16821B Datasheet HTML 4Page - Maxim Integrated Products MAX16821B Datasheet HTML 5Page - Maxim Integrated Products MAX16821B Datasheet HTML 6Page - Maxim Integrated Products MAX16821B Datasheet HTML 7Page - Maxim Integrated Products MAX16821B Datasheet HTML 8Page - Maxim Integrated Products MAX16821B Datasheet HTML 9Page - Maxim Integrated Products MAX16821B Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
6
_______________________________________________________________________________________
LOW-SIDE DRIVER (DL) SINK
AND SOURCE CURRENT
MAX16821A toc07
3A/div
100ns/div
CLOAD = 22nF
VIN = 12V
HIGH-SIDE DRIVER (DH) RISE TIME
MAX16821A toc08
2V/div
40ns/div
VIN = 12V
DH RISING
HIGH-SIDE DRIVER (DH) FALL TIME
MAX16821A toc09
2V/div
40ns/div
CLOAD = 22nF
VIN = 12V
LOW-SIDE DRIVER (DL) RISE TIME
MAX16821A toc10
2V/div
40ns/div
CLOAD = 22nF
VIN = 12V
LOW-SIDE DRIVER (DL) FALL TIME
MAX16821A toc11
2V/div
40ns/div
CLOAD = 22nF
VIN = 12V
FREQUENCY vs. RT
RT (kΩ)
430 470 510
350 390
70 110 150 190 230 270 310
1000
10,000
100
30
550
VIN = 12V
FREQUENCY vs. TEMPERATURE
TEMPERATURE (°C)
30
20
25
510
15
250
260
258
256
254
252
248
246
244
242
240
035
VIN = 12V
SYNC, CLKOUT, AND DH WAVEFORMS
MAX16821A toc14
RT/SYNC
5V/div
CLKOUT
5V/div
DH
5V/div
0V
0V
0V
1µs/div
MODE = SGND
SYNC, CLKOUT, AND DL WAVEFORMS
MAX16821A toc15
RT/SYNC
5V/div
CLKOUT
5V/div
DL
5V/div
0V
0V
0V
1µs/div
MODE = VCC
Typical Operating Characteristics (continued)
(VIN = 12V, VDD = VCC = 5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16821B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821B MAXIM-MAX16821B Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821B MAXIM-MAX16821B Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821B MAXIM-MAX16821B Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821BATI++ MAXIM-MAX16821BATI+ Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821BATI++ MAXIM-MAX16821BATI+ Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
More results

Similar Description - MAX16821B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
   5W HIGH POWER HBLED DRIVER
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
   16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com