Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16812ATI+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16812ATI+
Description  Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16812ATI+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16812ATI+ Datasheet HTML 1Page - Maxim Integrated Products MAX16812ATI+ Datasheet HTML 2Page - Maxim Integrated Products MAX16812ATI+ Datasheet HTML 3Page - Maxim Integrated Products MAX16812ATI+ Datasheet HTML 4Page - Maxim Integrated Products MAX16812ATI+ Datasheet HTML 5Page - Maxim Integrated Products MAX16812ATI+ Datasheet HTML 6Page - Maxim Integrated Products MAX16812ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX16812ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX16812ATI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Integrated High-Voltage LED Driver
with Analog and PWM Dimming Control
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 12V, CL_REG = 3.3µF, CH_REG = 1µF, CREF = 47nF, VTGRM = 0V, RSRC = 0.2Ω, TA = TJ = -40°C to +125°C, unless oth-
erwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM COMPARATOR
COMP Input Leakage Current
ILKCOMP
VCOMP = 1V, VSRC = 0.5V, VTGRM = 1V,
VDIM = 0.5V
-0.10
+0.10
µA
SRC Input Leakage Current
ILKSRC
VCOMP = 0V, VSRC = 0.5V, VTGRM = 0V,
VDIM = 0.5V
-5
+5
µA
Comparator Offset Voltage
VOS(EA)
(VCOMP - VSRC) = VOS
860
mV
Input Voltage Range
VSRC
VCOMP = VSRC + 860mV
0
1.23
V
Propagation Delay
tPD
50mV overdrive
100
ns
ERROR AMPLIFIER
FB Input Current
VFB = 1V, VREFI = 1.2V
-100
+100
nA
REFI Input Current
VFB = 1V, VREFI = 1V
-100
+100
nA
Error-Amplifier Offset Voltage
VOS
VFB = VCOMP = 1.2V
-23
+23
mV
Input Common-Mode Range
VFB = (VCOMP - 0.9V)
0
1.5
V
Source Current
ICOMP
(VREFI - VFB) ≥ 0.5V
300
µA
Sink Current
(VFB - VREFI) ≥ 0.5V
80
µA
COMP Clamp Voltage
VCOMP
VREF = 1.2V, VFB = 0V
1.20
2.56
V
DC Gain
72
dB
Unity-Gain Bandwidth
0.8
MHz
ELECTRICAL CHARACTERISTICS
(VIN = VEN = 12V, CL_REG = 3.3µF, CH_REG = 1µF, CREF = 47nF, VTGRM = 0V, RSRC = 0.2Ω, RCS = 1Ω, TA = TJ = -40°C to +125°C,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-SIDE UNDERVOLTAGE LOCKOUT AND LINEAR REGULATOR (H_REG) ((VHV - VLV) = 21V)
H_REG Input-Voltage Threshold
VH_REG is rising
3.60
3.887
4.20
V
H_REG Supply Voltage
IH_REG = 0
4.75
5
5.40
V
H_REG Load Regulation
IH_REG = 0 to 3mA
80
Dropout Voltage
IH_REG = 5mA
820
mV
HIGH-SIDE CURRENT-SENSE AMPLIFIERS (VHV - VLV) = 21V
CS- Input Bias Current
ICS-
VCS- = VLV, (VCS+ - VCS-) = -0.1V
500
µA
CS+ Input Bias Current
ICS+
VCS- = VLV, (VCS+ - VCS-) = 0.1V
-1
+1
µA
Input Voltage Range
VCS- = VLV
0
0.25
V
Sinking
25
Minimum Output Current
ICS_OUT
Sourcing
400
µA
Output Voltage Range
VCS_OUT
0
1.5
V
DC Voltage Gain
4
V/V
Unity-Gain Bandwidth
0.8
MHz
Maximum REFI Input Voltage
VREFI
1.0
V


Similar Part No. - MAX16812ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16810 MAXIM-MAX16810 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16810ATU++ MAXIM-MAX16810ATU+ Datasheet
276Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 3/07
MAX16810ATU++ MAXIM-MAX16810ATU+ Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16813 MAXIM-MAX16813 Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
MAX16813ATP++ MAXIM-MAX16813ATP+ Datasheet
1Mb / 27P
   Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller and Battery Disconnect
Rev 4; 3/16
More results

Similar Description - MAX16812ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16831 MAXIM-MAX16831_09 Datasheet
249Kb / 19P
   High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 1; 4/09
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Texas Instruments
TPS92630-Q1 TI1-TPS92630-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Three-Channel Linear LED Driver With Analog and PWM Dimming
logo
Lowpower Semiconductor ...
LP3351 POWER-LP3351 Datasheet
325Kb / 7P
   PWM Dimming Control for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com