Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE900075 Datasheet(PDF) 4 Page - NEC

Part # NE900075
Description  Ku-BAND MEDIUM POWER GaAs MESFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE900075 Datasheet(HTML) 4 Page - NEC

  NE900075 Datasheet HTML 1Page - NEC NE900075 Datasheet HTML 2Page - NEC NE900075 Datasheet HTML 3Page - NEC NE900075 Datasheet HTML 4Page - NEC NE900075 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NE9000, NE9001, NE9002 SERIES
NE900200 TYPICAL SMALL SIGNAL SCATTERING PARAMETERS
+120˚
+150˚
±180˚
+90˚
+60˚
+30˚
-120˚
-150˚
-90˚
-60˚
-30˚
S21
1.5 GHZ
S12
18 GHZ
S12
1.5 GHZ
S21
18 GHZ
S11
18 GHz
S22
18 GHz
S22
1.5 GHz
S11
1.5 GHz
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
AN
MAG
ANG
MAG
ANG
K
MAG1
1.5
0.910
-88.000
4.852
123.000
0.057
48.000
0.286
-56.000
0.240
19.300
2.0
0.879
-106.000
4.143
112.000
0.065
41.000
0.274
-68.000
0.323
18.044
3.0
0.850
-129.000
3.077
93.000
0.070
34.000
0.267
-82.000
0.496
16.430
4.0
0.836
-143.000
2.413
79.000
0.075
32.000
0.281
-92.000
0.629
15.075
5.0
0.830
-153.000
1.983
69.000
0.077
30.000
0.303
-102.000
0.751
14.108
6.0
0.827
-160.000
1.693
60.000
0.082
33.000
0.331
-108.000
0.809
13.148
7.0
0.823
-165.000
1.490
52.000
0.081
34.000
0.368
-114.000
0.914
12.647
8.0
0.824
-170.000
1.342
44.000
0.086
38.000
0.406
-120.000
0.892
11.933
9.0
0.822
-174.000
1.196
36.000
0.091
42.000
0.443
-125.000
0.904
11.187
10.0
0.820
-178.000
1.100
29.000
0.100
45.000
0.484
-130.000
0.827
10.414
11.0
0.824
176.000
1.002
22.000
0.108
45.000
0.524
-134.000
0.739
9.674
12.0
0.818
172.000
0.920
15.000
0.117
48.000
0.554
-137.000
0.719
8.956
13.0
0.815
167.000
0.840
10.000
0.129
48.000
0.584
-141.000
0.671
8.137
14.0
0.815
163.000
0.784
4.000
0.146
49.000
0.601
-144.000
0.588
7.300
15.0
0.813
160.000
0.732
1.000
0.160
50.000
0.623
-146.000
0.534
6.604
16.0
0.811
157.000
0.690
-5.000
0.187
48.000
0.631
-151.000
0.454
5.670
17.0
0.815
154.000
0.647
-7.000
0.207
48.000
0.635
-156.000
0.437
4.949
18.0
0.811
153.000
0.627
-11.000
0.241
45.000
0.638
-162.000
0.369
4.153
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
NE900200
VDS = 8 V, ID = 180 mA


Similar Part No. - NE900075

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE9001 RENESAS-NE9001 Datasheet
609Kb / 10P
   GaAs MES FET
1987
NE900100 RENESAS-NE900100 Datasheet
609Kb / 10P
   GaAs MES FET
1987
NE900100G RENESAS-NE900100G Datasheet
609Kb / 10P
   GaAs MES FET
1987
NE900175 RENESAS-NE900175 Datasheet
609Kb / 10P
   GaAs MES FET
1987
NE900176 RENESAS-NE900176 Datasheet
609Kb / 10P
   GaAs MES FET
1987
More results

Similar Description - NE900075

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
   2W X, Ku-BAND POWER GaAs MESFET
NEZ1011-8E NEC-NEZ1011-8E Datasheet
82Kb / 12P
   8W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
   4W X, Ku-BAND POWER GaAs MESFET
NE960R275 NEC-NE960R275_01 Datasheet
29Kb / 3P
   0.2W X, Ku-BAND POWER GaAs MESFET
NE13700 NEC-NE13700 Datasheet
194Kb / 5P
   LOW NOISE KU-BAND GAAS MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com