Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13181EELB+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13181EELB+
Description  5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13181EELB+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13181EELB+ Datasheet HTML 3Page - Maxim Integrated Products MAX13181EELB+ Datasheet HTML 4Page - Maxim Integrated Products MAX13181EELB+ Datasheet HTML 5Page - Maxim Integrated Products MAX13181EELB+ Datasheet HTML 6Page - Maxim Integrated Products MAX13181EELB+ Datasheet HTML 7Page - Maxim Integrated Products MAX13181EELB+ Datasheet HTML 8Page - Maxim Integrated Products MAX13181EELB+ Datasheet HTML 9Page - Maxim Integrated Products MAX13181EELB+ Datasheet HTML 10Page - Maxim Integrated Products MAX13181EELB+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
+5.0V, ±15kV ESD-Protected, Half-Duplex/
Full-Duplex, RS-485 Transceiver in µDFN
_______________________________________________________________________________________
7
S1 OPEN
S2 CLOSED
S3 = +1.5V
RO
5V
0
0
VOH
VOH / 2
S1 OPEN
S2 CLOSED
S3 = +1.5V
tRHZ
5
0
0
VOH
0.5V
2.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
5V
0
VOL
VCC
1.5V
S1 CLOSED
S2 OPEN
S3 = -1.5V
tRLZ
5V
0
VOL
5V
2.5V
0.5V
GENERATOR
5V
+1.5V
1k
Ω
CL
15pF
S2
S1
50
Ω
S3
-1.5V
R
VID
RE
RO
RE
RO
RE
RO
RE
tRZH, tRZH(SHDN)
tRZL, tRZL(SHDN)
(VOL + VOH) / 2
Figure 6. Receiver Disable Time


Similar Part No. - MAX13181EELB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1318 MAXIM-MAX1318 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1318 MAXIM-MAX1318 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX1318ECM MAXIM-MAX1318ECM Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1318ECM MAXIM-MAX1318ECM Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
More results

Similar Description - MAX13181EELB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
logo
Analog Devices
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
SN65HVD485E TI-SN65HVD485E Datasheet
337Kb / 15P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_15 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com