Electronic Components Datasheet Search
Selected language     English  ▼


TDA9859 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA9859
Description  Universal hi-fi audio processor for TV
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
1997 Sep 01
2
Philips Semiconductors
Preliminary specification
Universal hi-fi audio processor for TV
TDA9859
FEATURES
• Multi-source selector switches six AF inputs
(three stereo sources or six mono sources)
• Each of the input signals can be switched to each of the
outputs (crossbar switch)
• Outputs for loudspeaker channel and peri-TV connector
(SCART)
• Switchable spatial stereo and pseudo stereo effects
• Audio surround decoder can be added externally
• Two general purpose logic output ports
• I2C-bus control of all functions.
GENERAL DESCRIPTION
The TDA9859 provides control facilities for the main and
the SCART channel of a TV set. Due to extended
switching possibilities, signals from three stereo sources
can be handled.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage (pin 6)
7.2
8.0
8.8
V
IP
supply current
25
mA
Vi(rms)
input signal levels for 0 dB gain (RMS value)
2
−−
V
Vo(rms)
output signal levels for 0 dB gain (RMS value)
2
−−
V
Gv
voltage gain in main channel
volume control (1 dB steps, balance included)
−63
+15
dB
mute
−80
−−
dB
bass control (1.5 dB steps)
−12
+15
dB
treble control (3 dB steps)
−12
+12
dB
THD
total harmonic distortion
0.1
%
S/N
signal-to-noise ratio
85
dB
Tamb
operating ambient temperature
0
70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9859
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA9861Universal HiFi audio processor for TV 1 2 3 4 5 MoreNXP Semiconductors
TDA9605HAudio processor with head amplifier for VHS hi-fi 1 2 3 4 5 MoreNXP Semiconductors
TDA9610HAudio FM processor for VHS hi-fi audio 1 2 3 4 5 MoreNXP Semiconductors
TDA9614HAudio processor for VHS hi-fi and linear audio 1 2 3 4 5 MoreNXP Semiconductors
TDA9615HAudio processor for VHS hi-fi 1 2 3 4 5 MoreNXP Semiconductors
TA1246FHI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR 1 2 3 4 5 MoreToshiba Semiconductor
TDA9860Universal HiFi audio processor for TV 1 2 3 4 5 MoreNXP Semiconductors
HA12226FAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
LA71525MVideo/audio signal processor for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device
NJM2705Surround Audio Processor for Mobile Applications 1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl