Electronic Components Datasheet Search
Selected language     English  ▼


TDA9859 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA9859
Description  Universal hi-fi audio processor for TV
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
1997 Sep 01
4
Philips Semiconductors
Preliminary specification
Universal hi-fi audio processor for TV
TDA9859
PINNING
SYMBOL
PIN
DESCRIPTION
SCINL
1
SCART input; left channel
P1
2
port 1 output
MINL
3
MAIN input; left channel
CSMO
4
smoothing capacitor of reference
voltage
MINR
5
MAIN input; right channel
VP
6
supply voltage
SCOUTR
7
SCART output; right channel
GND
8
ground
MOUTR
9
MAIN output; right channel
LINR
10
input to right loudspeaker channel
CBR1
11
bass capacitor connection 1;
right channel
CBR2
12
bass capacitor connection 2;
right channel
n.c.
13
not connected
CTR
14
treble capacitor connection;
right channel
LOUTR
15
loudspeaker output; right channel
SCL
16
serial clock input; I2C-bus
SDA
17
serial data input/output; I2C-bus
LOUTL
18
loudspeaker output; left channel
CTL
19
treble capacitor connection;
left channel
n.c.
20
not connected
CBL2
21
bass capacitor connection 2;
left channel
CBL1
22
bass capacitor connection 1;
left channel
LINL
23
input to left loudspeaker channel
MOUTL
24
MAIN output; left channel
MAD
25
module address select input
SCOUTL
26
SCART output; left channel
CPS2
27
pseudo stereo capacitor 2
AINL
28
AUX input; left channel
CPS1
29
pseudo stereo capacitor 1
AINR
30
AUX input; right channel
P2
31
port 2 output
SCINR
32
SCART input signal RIGHT
Fig.2 Pin configuration.
handbook, halfpage
TDA9859
MHA779
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
SCINR
SCINL
P2
P1
AINR
MINL
CPS1
CSMO
AINL
MINR
CPS2
SCOUTL
VP
MAD
MOUTL
SCOUTR
LINL
CBL1
CBL2
n.c.
CTL
LOUTL
SDA
GND
MOUTR
LINR
CTR
CBR1
CBR2
n.c.
LOUTR
SCL




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA9861Universal HiFi audio processor for TV 1 2 3 4 5 MoreNXP Semiconductors
TDA9605HAudio processor with head amplifier for VHS hi-fi 1 2 3 4 5 MoreNXP Semiconductors
TDA9610HAudio FM processor for VHS hi-fi audio 1 2 3 4 5 MoreNXP Semiconductors
TDA9614HAudio processor for VHS hi-fi and linear audio 1 2 3 4 5 MoreNXP Semiconductors
TDA9615HAudio processor for VHS hi-fi 1 2 3 4 5 MoreNXP Semiconductors
TA1246FHI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR 1 2 3 4 5 MoreToshiba Semiconductor
TDA9860Universal HiFi audio processor for TV 1 2 3 4 5 MoreNXP Semiconductors
HA12226FAudio Signal Processor for Cassette Deck Dolby B-type NR with Recording System 1 2 3 4 5 MoreHitachi Semiconductor
LA71525MVideo/audio signal processor for VHS VCRs 1 2 3 4 5 MoreSanyo Semicon Device
NJM2705Surround Audio Processor for Mobile Applications 1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl