Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX12527 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX12527
Description  Dual, 96Msps, 14-Bit, IF/Baseband ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12527 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX12527 Datasheet HTML 4Page - Maxim Integrated Products MAX12527 Datasheet HTML 5Page - Maxim Integrated Products MAX12527 Datasheet HTML 6Page - Maxim Integrated Products MAX12527 Datasheet HTML 7Page - Maxim Integrated Products MAX12527 Datasheet HTML 8Page - Maxim Integrated Products MAX12527 Datasheet HTML 9Page - Maxim Integrated Products MAX12527 Datasheet HTML 10Page - Maxim Integrated Products MAX12527 Datasheet HTML 11Page - Maxim Integrated Products MAX12527 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Dual, 96Msps, 14-Bit, IF/Baseband ADC
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 3.3V, OVDD = 2.0V, GND = 0, REFIN = REFOUT (internal reference), CL
≈ 5pF at digital outputs, VIN = -1dBFS (differential),
DIFFCLK/SECLK = OVDD, PD = GND, G/T = GND, fCLK = 96MHz (50% duty cycle), TA = +25°C, unless otherwise noted.)
FFT PLOT (65,536-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
-100
-80
-60
-40
-20
0
-120
fCLK = 96MHz
fIN = 175.00049MHz
AIN = -1.00dBFS
SNR = 72.4dB
SINAD = 71.4dB
THD = -78.3dBc
SFDR = 79.9dBc
HD2 = -80.9dBc
HD3 = -91.3dBc
010
15
20
525
30
35 40
45
HD2
HD3
TWO-TONE IMD PLOT
(65,536-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
0
-120
010
15
20
525
30
35 40
45
-20
-40
-60
-80
-100
fIN1
fCLK = 96MHz
fIN1 = 68.50049MHz
AIN1 = -7.00dBFS
fIN2 = 71.50049MHz
AIN2 = -7.04dBFS
IM3 = -84.30dBc
fIN2
2fIN2 - fIN1
2fIN1 - fIN2
TWO-TONE IMD PLOT
(65,536-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
010
15
20
525
30
35 40
45
0
-120
-20
-40
-60
-80
-100
fCLK = 96MHz
fIN1 = 172.50146MHz
AIN1 = -7.04dBFS
fIN2 = 177.50244MHz
AIN2 = -6.99dBFS
IM3 = -84.6dBc
2fIN2 - fIN1
2fIN1 - fIN2
fIN2
fIN1
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-2
0
1
2
4
-4
12,28914,33716,381
10,241
6145 8193
4097
2049
1
-3
3
-1
fIN = 2.99906MHz
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
-0.50
-0.25
0.50
1.00
-1.00
12,28914,33716,381
10,241
6145 8193
4097
2049
1
0.75
0.25
0
-0.75
fIN = 2.99906MHz
50
60
55
70
65
75
80
0
150
200
50
100
250
300
350
SNR, SINAD vs. ANALOG INPUT FREQUENCY
(fCLK = 96MHz, AIN = -1dBFS)
fIN (MHz)
SNR
SINAD
50
60
55
75
70
65
90
85
80
0
100
150
50
200
250
300
350
-THD, SFDR vs. ANALOG INPUT FREQUENCY
(fCLK = 96MHz, AIN = -1dBFS)
fIN (MHz)
SFDR
-THD
15
25
20
40
35
30
45
50
70
60
55
75
-60
-50 -45
-55
-40 -35 -30 -25 -20 -15 -10
SNR, SINAD vs. ANALOG INPUT AMPLITUDE
(fCLK = 96MHz, fIN = 70MHz)
AIN (dBFS)
65
-5
0
SINAD
SNR
-THD, SFDR vs. ANALOG INPUT AMPLITUDE
(fCLK = 96MHz, fIN = 70MHz)
AIN (dBFS)
-5
-10
-20 15
-45 -40 -35 -30 -25
-50
35
40
45
50
55
60
65
70
75
80
85
90
30
-55
0
SFDR
-THD


Similar Part No. - MAX12527

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12527 MAXIM-MAX12527 Datasheet
753Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 2; 3/21
MAX12527ETK MAXIM-MAX12527ETK Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12527ETK MAXIM-MAX12527ETK Datasheet
753Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 2; 3/21
MAX12527EVKIT MAXIM-MAX12527EVKIT Datasheet
753Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 2; 3/21
More results

Similar Description - MAX12527

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12558 MAXIM-MAX12558 Datasheet
469Kb / 30P
   Dual, 80Msps, 14-Bit, IF/Baseband ADC
2004
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12528 MAXIM-MAX12528 Datasheet
426Kb / 28P
   Dual, 80Msps, 12-Bit, IF/Baseband ADC
Rev 0; 4/05
logo
Linear Technology
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
LTC2158-14 LINER-LTC2158-14_15 Datasheet
790Kb / 28P
   Dual 14-Bit 310Msps ADC
logo
Analog Devices
AD9445 AD-AD9445 Datasheet
965Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_15 Datasheet
972Kb / 40P
   14-Bit, 105/125 MSPS, IF Sampling ADC
REV. 0
AD9445 AD-AD9445_17 Datasheet
797Kb / 41P
   14-Bit, 105/125 MSPS, IF Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com