Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF400AMH Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF400AMH
Description  Fast-Settling JFET-Input Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF400AMH Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LF400AMH Datasheet HTML 4Page - National Semiconductor (TI) LF400AMH Datasheet HTML 5Page - National Semiconductor (TI) LF400AMH Datasheet HTML 6Page - National Semiconductor (TI) LF400AMH Datasheet HTML 7Page - National Semiconductor (TI) LF400AMH Datasheet HTML 8Page - National Semiconductor (TI) LF400AMH Datasheet HTML 9Page - National Semiconductor (TI) LF400AMH Datasheet HTML 10Page - National Semiconductor (TI) LF400AMH Datasheet HTML 11Page - National Semiconductor (TI) LF400AMH Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Hints (Continued)
TLH9414 – 24
FIGURE 4a Vos Adjust Circuit
TLH9414 – 25
FIGURE 4b Automatic Offset
Adjustment Using LMC669
In very critical applications where a manual adjustment is
impractical the LMC669 Auto Zero circuit may be used to
reduce the effective input offset voltage to around 5
mVas
in
Figure 4b The LF400 will perform better than slower am-
plifiers in an auto zero loop because its fast settling capabil-
ity keeps its summing node voltage more stable Therefore
the LMC669 is able to more accurately sample the summing
node voltage before making an offset correction
Input Bias Current
The JFET input stage of the LF400 ensures low input bias
current (200 pA maximum) when the die is at room tempera-
ture but this current approximately doubles for every 10 C
increase in temperature In applications that demand the
lowest possible input bias current a heat sink should be
used with the LF400 ‘‘Press on’’ heat sinks from manufac-
turers such as Thermalloy and AAVID can reduce junction
temperature by roughly 10 Cto40 C
Typical Applications
High-Speed DAC with Voltage Output
TLH9414 – 26
11


Similar Part No. - LF400AMH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LF400 MACOM-LF400 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
More results

Similar Description - LF400AMH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com