Electronic Components Datasheet Search |
|
MAX16033PLB26+T Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX16033PLB26+T Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 21 page Low-Power Battery Backup Circuits in Small µDFN Packages _______________________________________________________________________________________ 3 ELECTRICAL CHARACTERISTICS (continued) (VCC = 2.25V to 5.5V, VBATT = 3V, RESET not asserted, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS RESET OUTPUT MAX160_ _ _L_46 4.50 4.63 4.75 MAX160_ _ _L_44 4.25 4.38 4.50 MAX160_ _ _L_31 3.00 3.08 3.15 MAX160_ _ _L_29 2.85 2.93 3.00 MAX160_ _ _L_26 2.55 2.63 2.70 Reset Threshold VTH MAX160_ _ _L_23 2.25 2.32 2.38 V VCC Falling Reset Delay VCC falling at 10V/ms 25 µs Reset Active Timeout Period tRP 140 280 ms ISINK = 1.6mA, VCC > 2.1V 0.3 RESET Output Low Voltage VOL RESET asserted ISINK = 100µA, VCC > 1.2V 0.4 V RESET Output High Voltage VOH MAX160_ _L only (push-pull), RESET not asserted, ISOURCE = 500µA, VCC > VTH(MAX) 0.8 x VCC V RESET Output Leakage Current ILKG MAX160_ _P only (open drain), not asserted 1 µA POWER-FAIL COMPARATOR PFI Input Threshold VPFI VPFI falling 1.185 1.235 1.285 V PFI Hysteresis 1% PFI Input Current VPFI = 0V or VCC -100 +100 nA VCC > 2.1V, ISINK = 1.6mA 0.3 PFO Output Low Voltage VOL Output asserted VCC > 1.2V, ISINK = 100µA 0.4 V PFO Output High Voltage VOH MAX160_ _L only (push-pull), VCC > VTH(MAX), ISOURCE = 500µA, output not asserted 0.8 x VCC V PFO Leakage Current MAX160_ _P only (open drain), VPFO = 5.5V, not asserted 1µA PFO Delay Time VPFI + 100mV to VPFI - 100mV 4 µs MANUAL RESET (MAX16033/MAX16037) VIL 0.3 x VCC MR Input Voltage VIH 0.7 x VCC V Pullup Resistance to VCC 20 165 k Ω Minimum Pulse Width 1µs Glitch Immunity VCC = 3.3V 100 ns MR to Reset Delay 120 ns |
Similar Part No. - MAX16033PLB26+T |
|
Similar Description - MAX16033PLB26+T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |