Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16034LLB26+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16034LLB26+T
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16034LLB26+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16034LLB26+T Datasheet HTML 7Page - Maxim Integrated Products MAX16034LLB26+T Datasheet HTML 8Page - Maxim Integrated Products MAX16034LLB26+T Datasheet HTML 9Page - Maxim Integrated Products MAX16034LLB26+T Datasheet HTML 10Page - Maxim Integrated Products MAX16034LLB26+T Datasheet HTML 11Page - Maxim Integrated Products MAX16034LLB26+T Datasheet HTML 12Page - Maxim Integrated Products MAX16034LLB26+T Datasheet HTML 13Page - Maxim Integrated Products MAX16034LLB26+T Datasheet HTML 14Page - Maxim Integrated Products MAX16034LLB26+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
______________________________________________________________________________________
11
BATTON Indicator
(MAX16035/MAX16039 Only)
BATTON is a push-pull output that asserts high when in
battery-backup mode. BATTON typically sinks 3.2mA
at a 0.4V saturation voltage. In battery-backup mode,
this terminal sources approximately 10µA from OUT.
Use BATTON to indicate battery-switchover status or to
supply base drive to an external pass transistor for
higher current applications (see Figure 3).
RESETIN Comparator
(MAX16036/MAX16040 Only)
An internal 1.235V reference sets the RESETIN thresh-
old voltage. RESET asserts when the voltage at
RESETIN is below 1.235V. Use the RESETIN function to
monitor a secondary power supply.
Use the following equations to set the reset threshold
voltage (VRTH) of the secondary power supply (see
Figure 4):
VRTH = VREF (R1 / R2 + 1)
where VREF = 1.235V. To simplify the resistor selection,
choose a value for R2 and calculate R1.
R1 = R2 [(VRTH / VREF) - 1]
Since the input current at RESETIN is 25nA (max), large
values (up to 1MΩ) can be used for R2 with no signifi-
cant loss in accuracy.
Power-Fail Comparator
The MAX16033–MAX16040 issue an interrupt (nonmask-
able or regular) to the µP when a power failure occurs.
The power line is monitored by two external resistors con-
nected to the power-fail input (PFI). When the voltage at
PFI falls below 1.235V, the power-fail output (PFO) drives
the processor’s NMI input low. An earlier power-fail warn-
ing can be generated if the unregulated DC input of the
regulator is available for monitoring. The MAX16033–
MAX16040 turn off the power-fail comparator and force
PFO low when VCC falls below the reset threshold volt-
age (see Figure 1). The MAX160_ _L devices provide
push-pull PFO outputs. The MAX160_ _P devices provide
open-drain PFO outputs.
2.4V TO 5.5V
CE
(CEIN)
( ) FOR MAX16035 ONLY
A0–A15
µP
CMOS RAM
BATTON
VCC
BATT
(CEOUT)
GND
RESET
OUT
0.1µF
ADDRESS
DECODE
MAX16035
MAX16039
RESET
Figure 3. MAX16035/MAX16039 BATTON Driving an External Pass Transistor
MAX16036
MAX16040
R1
RESETIN
VIN
VCC
R2
Figure 4. Setting RESETIN Voltage for the
MAX16036/MAX16040


Similar Part No. - MAX16034LLB26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16034LLB26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com