Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5075 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5075
Description  Push-Pull FET Driver with Integrated Oscillator and Clock Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5075 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5075_07 Datasheet HTML 1Page - Maxim Integrated Products MAX5075_07 Datasheet HTML 2Page - Maxim Integrated Products MAX5075_07 Datasheet HTML 3Page - Maxim Integrated Products MAX5075_07 Datasheet HTML 4Page - Maxim Integrated Products MAX5075_07 Datasheet HTML 5Page - Maxim Integrated Products MAX5075_07 Datasheet HTML 6Page - Maxim Integrated Products MAX5075_07 Datasheet HTML 7Page - Maxim Integrated Products MAX5075_07 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Push-Pull FET Driver with Integrated Oscillator
and Clock Output
_______________________________________________________________________________________
3
Typical Operating Characteristics
(VCC = +12V, RRT = 124kΩ, NDRV_ = open, CLK = open.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
14
13
12
11
10
9
8
7
6
5
1
2
3
4
5
6
7
0
415
fOSC = 1.25MHz
fOSC = 500kHz
fOSC = 250kHz
fOSC = 100kHz
fOSC = 50kHz
SUPPLY CURRENT
vs. CCLK
CCLK (pF)
80
60
40
20
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.00
0100
RRT = 124kΩ
TEMPERATURE (°C)
100
75
25
50
0
-25
-50
125
SUPPLY CURRENT
vs. TEMPERATURE
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.00
fOSC = 250kHz
CLK RISE TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
14
13
11 12
6
7
8
9
10
5
5
10
15
20
25
30
35
40
45
50
0
415
CCLK = 30pF
CLK RISE TIME
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
37.0
37.5
38.0
38.5
39.0
39.5
36.5
-50
125
CCLK = 30pF
2
4
6
8
10
12
14
0
CLK FALL TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
14
13
11 12
6789
10
5
415
CCLK = 30pF
CLK FALL TIME
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
2
4
6
8
10
12
0
-50
125
CCLK = 30pF
244
246
248
250
252
254
256
242
OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
14
13
11 12
6789
10
5
415
RRT = 124kΩ
TA = -40°C
TA = +25°C
TA = +125°C


Similar Part No. - MAX5075_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5075A MAXIM-MAX5075A Datasheet
234Kb / 8P
   Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 0; 5/05
MAX5075AAUA MAXIM-MAX5075AAUA Datasheet
234Kb / 8P
   Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 0; 5/05
MAX5075B MAXIM-MAX5075B Datasheet
234Kb / 8P
   Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 0; 5/05
MAX5075BAUA MAXIM-MAX5075BAUA Datasheet
234Kb / 8P
   Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 0; 5/05
MAX5075C MAXIM-MAX5075C Datasheet
234Kb / 8P
   Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 0; 5/05
More results

Similar Description - MAX5075_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5075 MAXIM-MAX5075 Datasheet
234Kb / 8P
   Push-Pull FET Driver with Integrated Oscillator and Clock Output
Rev 0; 5/05
MAX5077 MAXIM-MAX5077_V01 Datasheet
235Kb / 9P
   Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
2007
MAX5077 MAXIM-MAX5077 Datasheet
235Kb / 9P
   Push-Pull FET Driver with Integrated Oscillator and Programmable Clock Output
Rev 0; 5/05
logo
Renesas Technology Corp
EL6208 RENESAS-EL6208 Datasheet
638Kb / 11P
   Dual Push-Pull Laser Driver Oscillator
August 10, 2007
logo
Intersil Corporation
EL6208 INTERSIL-EL6208_07 Datasheet
233Kb / 11P
   Dual Push-Pull Laser Driver Oscillator
EL6208 INTERSIL-EL6208 Datasheet
724Kb / 10P
   Dual Push-Pull Laser Driver Oscillator
logo
NTE Electronics
NTE1749 NTE-NTE1749 Datasheet
25Kb / 3P
   Integrated Circuit Push-Pull Four Channel Driver
logo
Texas Instruments
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
logo
Maxim Integrated Produc...
DS1810 MAXIM-DS1810 Datasheet
122Kb / 5P
   5V EconoReset with Push-Pull Output
041002
DS1815 MAXIM-DS1815 Datasheet
121Kb / 5P
   3.3V EconoReset with Push-Pull Output
041002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com