Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5128ELA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5128ELA+
Description  128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm 關DFN Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5128ELA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5128ELA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5128ELA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5128ELA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5128ELA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5128ELA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5128ELA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5128ELA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5128ELA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5128ELA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
128-Tap, Nonvolatile, Linear-Taper Digital
Potentiometer in 2mm x 2mm µDFN Package
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS (continued)
(VCC = +2.7V to +5.25V, H = VCC, L = GND, TA = -40°C to +85°C. Typical values are at VCC = +5.0V, TA = +25°C, unless otherwise noted.)
(See Figures 1, 2, 3, and 4).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NVM-Write Mode Pulse-Width
High
tWP
80
ns
Write NV Register Busy Time
tBUSY
14
ms
Power-Up Settling Time
tACC
(Note 8)
2
µs
Note 1: All devices are production tested at TA = +25°C and are guaranteed by design for TA = -40°C to +85°C.
Note 2: The DNL and INL are measured with the potentiometer configured as a voltage-divider with H = VCC and L = GND. The
wiper terminal is unloaded and measured with a high input-impedance voltmeter.
Note 3: The DNL and INL are measured with the potentiometer configured as a variable resistor. H is unconnected and L = GND.
For the +5V condition, the wiper terminal is driven with a source current of 200µA and for the +2.7V condition, the wiper ter-
minal is driven with a source current of 100µA.
Note 4: The wiper resistance is measured using the source currents given in Note 3.
Note 5: The device draws higher supply current when the digital inputs are driven with voltages between (VCC - 0.5V) and (GND +
0.5V). See Supply Current vs. Digital Input Voltage in the Typical Operating Characteristics.
Note 6: Wiper at midscale with a 10pF load, L = GND, an AC source is applied to H, and the output is measured as 3dB lower than
the DC W/H value in dB.
Note 7: Wiper-settling time is the worst-case 0 to 50% rise time measured between consecutive wiper positions. H = VCC, L = GND,
and the wiper terminal is unloaded and measured with a 10pF oscilloscope probe. See the Tap-to-Tap Switching Transient
in the Typical Operating Characteristics section.
Note 8: Power-up settling time is measured from the time VCC = 2.7V to the wiper settling to 1 LSB of the final value.


Similar Part No. - MAX5128ELA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5128ELA MAXIM-MAX5128ELA Datasheet
729Kb / 13P
   128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm uDFN Package
Rev 0; 1/06
More results

Similar Description - MAX5128ELA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5128 MAXIM-MAX5128 Datasheet
729Kb / 13P
   128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm uDFN Package
Rev 0; 1/06
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
logo
Linear Technology
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
logo
Linear Technology
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
logo
Linear Technology
LT6660 LINER-LT6660_15 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
logo
Linear Technology
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com