Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M81019FP Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # M81019FP
Description  High Voltage Half-Bridge Driver 1200 Volts/짹1 Ampere
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81019FP Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  M81019FP Datasheet HTML 1Page - Powerex Power Semiconductors M81019FP Datasheet HTML 2Page - Powerex Power Semiconductors M81019FP Datasheet HTML 3Page - Powerex Power Semiconductors M81019FP Datasheet HTML 4Page - Powerex Power Semiconductors M81019FP Datasheet HTML 5Page - Powerex Power Semiconductors M81019FP Datasheet HTML 6Page - Powerex Power Semiconductors M81019FP Datasheet HTML 7Page - Powerex Power Semiconductors M81019FP Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
HVIC
High Voltage
Half-Bridge Driver
1200 Volts/±1 Ampere
M81019FP
1
8/05
Description:
M81019FP is a high voltage
Power MOSFET and IGBT driver
for half-bridge applications.
Features:
£
Shoot Through Interlock
£
Output Current ±1 Ampere
£
Half-Bridge Driver
£
24-Lead SSOP Package
£
Internal Dead Time - Fixed
Applications:
£
HID Ballast
£
PDP
£
MOSFET Driver
£
IGBT Driver
£
Inverter Module Control
Ordering Information:
M81019FP is a ±1 Ampere,
1200 Volt HVIC, High Voltage
Half-Bridge Driver
Outline Drawing and Circuit Diagram
��� ��
������ ��
���
�����
������
������
������
����
������
���
���
��������
�����
�����
��������
�����
�����
��� ��
��� ��
��� ��
�����
������
��
�����
��
������
������
�����
������
������
���
���
���
��
��
���
��
��
��
��
����
����
����
��
���
�����
����
���
���
����
�����
���
��
������������
���
��������������
������
���������������������
��
����������
����������
����������
����������
��
��
���
������
� �� ���
� �� ���
� �� ���
� �� ������
� �� �������
� �� �������
� �� ���
� �� ���
� �� ���
� ��� ���
� ��� ���
� ��� ���
� ��� ���
� ��� ������
� ��� ������
� ��� �����
� ��� ���
� ��� ��
� ��� ���
� ��� ���
� ��� ������
� ��� ���
� ��� ���
� ��� ���
Dimensions
Inches
Millimeters
A
0.31±0.01
7.8±0.3
B
0.40±0.004
10.1±0.1
C
0.21±0.004
5.3±0.1
D
0.08 Max.
2.1 Max.
E
0.03
0.8
F
0.01+0.004/0.002 0.35+0.1/-0.05
G
0.004
0.1
H
0.07
1.8
J
0.008 Max.
0.2 Max.
Dimensions
Inches
Millimeters
K
0.05
1.25
L
0.02±0.008
0.6±0.2
M
0.008+0.002/-0.008 0.2+0.05/-0.2
N
8° Max.
8° Max.
P
0.03 Max.
0.8 Max.
Q
0.026
0.65
R
0.051 Min.
1.27 Min.
S
0.30
7.62
T
0.02
0.5


Similar Part No. - M81019FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81019FP MITSUBISHI-M81019FP Datasheet
105Kb / 10P
   1200V HIGH VOLTAGE HALF BRIDGE DRIVER
More results

Similar Description - M81019FP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M81709FP POWEREX-M81709FP Datasheet
224Kb / 4P
   High Voltage Half-Bridge Driver 600 Volts/짹2A
M81713FP POWEREX-M81713FP Datasheet
219Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/짹500mA
M81707FP POWEREX-M81707FP Datasheet
223Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/짹100mA
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com