Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M81019FP Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # M81019FP
Description  High Voltage Half-Bridge Driver 1200 Volts/짹1 Ampere
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

M81019FP Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  M81019FP Datasheet HTML 1Page - Powerex Power Semiconductors M81019FP Datasheet HTML 2Page - Powerex Power Semiconductors M81019FP Datasheet HTML 3Page - Powerex Power Semiconductors M81019FP Datasheet HTML 4Page - Powerex Power Semiconductors M81019FP Datasheet HTML 5Page - Powerex Power Semiconductors M81019FP Datasheet HTML 6Page - Powerex Power Semiconductors M81019FP Datasheet HTML 7Page - Powerex Power Semiconductors M81019FP Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M81019FP
HVIC, High Voltage Half-Bridge Driver
1200 Volts/±1 Ampere
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
2
8/05
Absolute Maximum Ratings, Ta = 25°C unless otherwise specified
Characteristics
Symbol
M81019FP
Units
High Side Floating Supply Absolute Voltage
VB
-0.5 ~ 1224
Volts
High Side Floating Supply Offset Voltage
VS
VB-24 ~ VB+0.5
Volts
High Side Floating Supply Voltage (VBS = VB – VS)
VBS
-0.5 ~ 24
Volts
High Side Output Voltage
VHO
VS-0.5 ~ VB+0.5
Volts
Low Side Fixed Supply Voltage
VCC
-0.5 ~ 24
Volts
Power Ground
VNO
VCC-24 ~ VCC+0.5
Volts
Low Side Output Voltage
VLO
VNO-0.5 ~ VCC+0.5
Volts
Logic Input Voltage (HIN, LIN, FO_RST)
VIN
-0.5 ~ VCC+0.5
Volts
FO Input/Output Voltage
VFO
-0.5 ~ VCC+0.5
Volts
CIN Input Voltage
VCIN
-0.5 ~ VCC+0.5
Volts
Allowable Offset Voltage Slew Rate
dVs/dt
±50
V/ns
Package Power Dissipation (Ta = 25°C, On Board)
Pd
~1.6
Watts
Linear Derating Factor (Ta > 25°C, On Board)
~16
mW/°C
Junction to Case Thermal Resistance
Rth(j-c)
~60
°C/W
Junction Temperature
Tj
-20 ~ 150
°C
Operation Temperature
Topr
-20 ~ 125
°C
Storage Temperature
Tstg
-40 ~ 150
°C
Recommended Operating Conditions
All voltage parameters are absolute voltages referenced to GND unless otherwise specified.
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
High Side Floating Supply Absolute Voltage
VB
VS+13.5 VS+15
VS+20
Volts
High Side Floating Supply Offset Voltage
VS
VBS > 10V
-5*
900**
Volts
High Side Floating Supply Voltage
VBS
VB = VB – VS
13.5
15
20
Volts
High Side Output Voltage
VHO
VS
VS+20
Volts
Low Side Fixed Supply Voltage
VCC
13.5
20
Volts
Power Ground
VNO
-5
5
Volts
Low Side Output Voltage
VLO
VNO
VCC
Volts
Logic Input Voltage
VIN
HIN, LIN, FO_RST
5
VCC
Volts
FO Input/Output Voltage
VFO
VCC
Volts
CIN Input Voltag
VCIN
5
Volts
Allowable Offset Voltage Slew Rate***
dVs/dt
-8
8
KV/µs
*The lowest logic operational condition for VS is -5V. The lowest state held condition for VS is -VBS. The surge of -VS should not exceed -100V to avoid improper operation of output.
**The maximum of allowable instantaneous voltage spike is up to 1200V.
***At operation mode, dVs/dt should not go beyond recommended operation conditions or it will cause improper operation output.


Similar Part No. - M81019FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81019FP MITSUBISHI-M81019FP Datasheet
105Kb / 10P
   1200V HIGH VOLTAGE HALF BRIDGE DRIVER
More results

Similar Description - M81019FP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M81709FP POWEREX-M81709FP Datasheet
224Kb / 4P
   High Voltage Half-Bridge Driver 600 Volts/짹2A
M81713FP POWEREX-M81713FP Datasheet
219Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/짹500mA
M81707FP POWEREX-M81707FP Datasheet
223Kb / 4P
   HVIC High Voltage Half-Bridge Driver 600 Volts/짹100mA
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com